Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NJW4840R Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJW4840R Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJW4840R
Download  NJW4840R Download
File Size   202.22 Kbytes
Page   7 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description High Speed Switching Gate Driver

NJW4840R Datasheet (PDF)

Go To PDF Page Download Datasheet
NJW4840R Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJW4840R
Download  NJW4840R Click to download

File Size   202.22 Kbytes
Page   7 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description High Speed Switching Gate Driver

NJW4840R Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJW4840R Product details

FEATURES
Output Peak Current 4A (peak)
Operating Voltage Range 8V to 20V
High Speed Switching 27.5nsec(typ.)@CL=4700pF
Built-in Thermal Shut Down
Under Voltage Lockout
Short Circuit Protection (power / ground fault)
Package MSOP8 (VSP8)




Similar Part No. - NJW4840R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4840 NJRC-NJW4840 Datasheet
127Kb / 7P
High Speed Switching Gate Driver
More results


Similar Description - NJW4840R

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4440 LINER-LTC4440 Datasheet
236Kb / 12P
High Speed, High Voltage High Side Gate Driver
LTC4440-5 LINER-LTC4440-5 Datasheet
267Kb / 12P
High Speed, High Voltage, High Side Gate Driver
LTC4440 LINER-LTC4440_09 Datasheet
212Kb / 12P
High Speed, High Voltage High Side Gate Driver
logo
New Japan Radio
NJW4840 NJRC-NJW4840 Datasheet
127Kb / 7P
High Speed Switching Gate Driver
logo
Linear Technology
LTC4440 LINER-LTC4440_15 Datasheet
221Kb / 16P
High Speed, High Voltage High Side Gate Driver
LTC4440-5 LINER-LTC4440-5_15 Datasheet
265Kb / 14P
High Speed, High Voltage, High Side Gate Driver
LTC4440A-5 LINER-LTC4440A-5 Datasheet
363Kb / 12P
High Speed, High Voltage, High Side Gate Driver
logo
Diodes Incorporated
DGD0215 DIODES-DGD0215 Datasheet
655Kb / 11P
1.9A HIGH SPEED SINGLE GATE DRIVER
June 2022
DGD0211C DIODES-DGD0211C Datasheet
751Kb / 10P
1.9A HIGH SPEED SINGLE GATE DRIVER
Rev. 3 - 2 November 2021
DGD0211CWTQ DIODES-DGD0211CWTQ Datasheet
781Kb / 9P
1.9A HIGH SPEED SINGLE GATE DRIVER
Rev. 1 - 2 April 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com