Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM3S6965 Datasheet (PDF) - List of Unclassifed Manufacturers

LM3S6965 Datasheet PDF - List of Unclassifed Manufacturers
Part # LM3S6965
Download  LM3S6965 Download
File Size   5450.9 Kbytes
Page   541 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Microcontroller

LM3S6965 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3S6965 Datasheet PDF - List of Unclassifed Manufacturers

Part # LM3S6965
Download  LM3S6965 Click to download

File Size   5450.9 Kbytes
Page   541 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Microcontroller

LM3S6965 Datasheet (HTML) - List of Unclassifed Manufacturers


LM3S6965 Product details

[Luminary Micro, Inc.]

Architectural Overview
The Luminary Micro Stellaris® family of microcontrollers—the first ARM® Cortex™-M3 based controllers—brings high-performance 32-bit computing to cost-sensitive embedded microcontroller applications. These pioneering parts deliver customers 32-bit performance at a cost equivalent to legacy 8- and 16-bit devices, all in a package with a small footprint.

Product Features
The LM3S6965 microcontroller includes the following product features:
■ 32-Bit RISC Performance
   – 32-bit ARM® Cortex™-M3 v7M architecture optimized for small-footprint embedded
      applications
   – System timer (SysT ick), providing a simple, 24-bit clear-on-write, decrementing,
      wrap-on-zero counter with a flexible control mechanism
   – Thumb®-compatible Thumb-2-only instruction set processor core for high code density
   – 50-MHz operation
   – Hardware-division and single-cycle-multiplication
   – Integrated Nested Vectored Interrupt Controller (NVIC) providing deterministic interrupt
      handling
   – 38 interrupts with eight priority levels
   – Memory protection unit (MPU), providing a privileged mode for protected operating system
      functionality
   – Unaligned data access, enabling data to be efficiently packed into memory
   – Atomic bit manipulation (bit-banding), delivering maximum memory utilization
      and streamlined peripheral control
■ Internal Memory
   – 256 KB single-cycle flash
      • User-managed flash block protection on a 2-KB block basis
      • User-managed flash data programming
      • User-defined and managed flash-protection block
   – 64 KB single-cycle SRAM
■ General-Purpose Timers
   – Four General-Purpose Timer Modules (GPTM), each of which provides two 16-bit timers.
     Each GPTM can be configured to operate independently:
      • As a single 32-bit timer
      • As one 32-bit Real-Time Clock (RTC) to event capture
      • For Pulse Width Modulation (PWM)
      • T o trigger analog-to-digital conversions
   – 32-bit Timer modes
      • Programmable one-shot timer
      • Programmable periodic timer
      • Real-Time Clock when using an external 32.768-KHz clock as the input
      • User-enabled stalling in periodic and one-shot mode when the controller asserts the
         CPU Halt flag during debug
      • ADC event trigger
   – 16-bit Timer modes
      • General-purpose timer function with an 8-bit prescaler
      • Programmable one-shot timer
      • Programmable periodic timer
      • User-enabled stalling when the controller asserts CPU Halt flag during debug
      • ADC event trigger
   – 16-bit Input Capture modes
      • Input edge count capture
      • Input edge time capture
   – 16-bit PWM mode
      • Simple PWM mode with software-programmable output inversion of the PWM signal
■ ARM FiRM-compliant Watchdog Timer
   – 32-bit down counter with a programmable load register
   – Separate watchdog clock with an enable
   – Programmable interrupt generation logic with interrupt masking
   – Lock register protection from runaway software
   – Reset generation logic with an enable/disable
   – User-enabled stalling when the controller asserts the CPU Halt flag during debug
■ 10/100 Ethernet Controller
   – Conforms to the IEEE 802.3-2002 Specification
   – Full- and half-duplex for both 100 Mbps and 10 Mbps operation
   – Integrated 10/100 Mbps Transceiver (PHY)
   – Automatic MDI/MDI-X cross-over correction
   – Programmable MAC address
   – Power-saving and power-down modes
■ Synchronous Serial Interface (SSI)
   – Master or slave operation
   – Programmable clock bit rate and prescale
   – Separate transmit and receive FIFOs, 16 bits wide, 8 locations deep
   – Programmable interface operation for Freescale SPI, MICROWIRE, or
      Texas Instruments synchronous serial interfaces
   – Programmable data frame size from 4 to 16 bits
   – Internal loopback test mode for diagnostic/debug testing
■ UART
   – Three fully programmable 16C550-type UART s with IrDA support
   – Separate 16x8 transmit (TX) and 16x12 receive (RX) FIFOs to reduce
      CPU interrupt service loading
   – Programmable baud-rate generator with fractional divider
   – Programmable FIFO length, including 1-byte deep operation providing conventional
      double-buffered interface
   – FIFO trigger levels of 1/8, 1/4, 1/2, 3/4, and 7/8
   – Standard asynchronous communication bits for start, stop, and parity
   – False-start-bit detection
   – Line-break generation and detection
■ ADC
   – Single- and differential-input configurations
   – Four 10-bit channels (inputs) when used as single-ended inputs
   – Sample rate of one million samples/second
   – Flexible, configurable analog-to-digital conversion
   – Four programmable sample conversion sequences from one to eight entries long,
      with corresponding conversion result FIFOs
   – Each sequence triggered by software or internal event (timers, analog comparators,
      PWM or GPIO)
   – On-chip temperature sensor
■ Analog Comparators
   – Two independent integrated analog comparators
   – Configurable for output to: drive an output pin, generate an interrupt,
      or initiate an ADC sample sequence
   – Compare external pin input to external pin input or to
      internal programmable voltage reference

Target Applications
■ Remote monitoring
■ Electronic point-of-sale (POS) machines
■ T est and measurement equipment
■ Network appliances and switches
■ Factory automation
■ HVAC and building control
■ Gaming equipment
■ Motion control
■ Medical instrumentation
■ Fire and security




Similar Part No. - LM3S6965

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM3S6965 ETC2-LM3S6965 Datasheet
5Mb / 578P
Microcontroller
logo
Texas Instruments
LM3S6965 TI-LM3S6965 Datasheet
6Mb / 628P
Stellaris LM3S6965 Microcontroller
LM3S6965-EBZ100-A2 TI-LM3S6965-EBZ100-A2 Datasheet
6Mb / 628P
Stellaris LM3S6965 Microcontroller
LM3S6965-EBZ100-A2T TI-LM3S6965-EBZ100-A2T Datasheet
6Mb / 628P
Stellaris LM3S6965 Microcontroller
LM3S6965-EBZ20-A2 TI-LM3S6965-EBZ20-A2 Datasheet
6Mb / 628P
Stellaris LM3S6965 Microcontroller
More results


Similar Description - LM3S6965

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
Microcontroller
LM4F111B2QR TI1-LM4F111B2QR Datasheet
5Mb / 1113P
Microcontroller
LM4F111E5QR TI1-LM4F111E5QR Datasheet
5Mb / 1114P
Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
Microcontroller
LM3S1110 TI1-LM3S1110 Datasheet
4Mb / 539P
Microcontroller
logo
Renesas Technology Corp
S5D9 RENESAS-S5D9 Datasheet
2Mb / 115P
Microcontroller
logo
List of Unclassifed Man...
N79E855 ETC2-N79E855 Datasheet
3Mb / 180P
Microcontroller
W567BXXX ETC2-W567BXXX Datasheet
494Kb / 13P
microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com