Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HG74205DPCUPR-NF Datasheet (PDF) - Infinite Electronics International, Inc.

HG74205DPCUPR-NF Datasheet PDF - Infinite Electronics International, Inc.
Part # HG74205DPCUPR-NF
Download  HG74205DPCUPR-NF Download
File Size   371.29 Kbytes
Page   4 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 698-960 MHz / 1710-2700 MHz / 3400-4200 MHz Low PIM Rated Indoor VH-pol Omni Antenna, 3-5 dBi, Ceiling Mount, 2 x Type N Female Connector

HG74205DPCUPR-NF Datasheet (PDF)

Go To PDF Page Download Datasheet
HG74205DPCUPR-NF Datasheet PDF - Infinite Electronics International, Inc.

Part # HG74205DPCUPR-NF
Download  HG74205DPCUPR-NF Click to download

File Size   371.29 Kbytes
Page   4 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 698-960 MHz / 1710-2700 MHz / 3400-4200 MHz Low PIM Rated Indoor VH-pol Omni Antenna, 3-5 dBi, Ceiling Mount, 2 x Type N Female Connector

HG74205DPCUPR-NF Datasheet (HTML) - Infinite Electronics International, Inc.


HG74205DPCUPR-NF Product details

Features
• Low Passive Intermodulation (PIM) <-150 dBc @ 2x20W
• Vertical + Horizontal Polarization for MIMO
• Two N Female connector with 12 inch pigtails
• Covers 5G, WiFi and LTE frequency bands including extended
CBRS
Applications
• Indoor distribution of 5G, LTE, GSM/CDMA
• In-building public or private networks
• LPWAN, LoRA, LTE-M, NB-IoT, IoT, M2M applications
• DAS (DistributedAntennaSystems)
• Ceiling Mounts
Description
The L-com HG74205DPCUPR-NF is a low PIM rated, high performance MIMO ceiling mount omnidirectional antenna specifically
designed for in-building wireless networks such as DAS (Distributed Antenna Systems). L-com’s HG74205DPCUPR-NF has 3 to 5 dBi
gain and can be used to distribute Cellular and WiFi signals throughout a building or area. The HG74205DPCUPR-NF operates from
698 to 4200 MHz which is ideal for 5G, LTE, CDMA, LPWAN/IoT/M2M applications including LoRA, LTE-M, and NB-IOT. The Multi-
Band design of the L-com HG74205DPCUPR-NF antenna eliminates the need to purchase different antennas for each frequency. This
simplifies installations since the same antenna can be used for a wide array of in-building wireless applications where wide coverage is
desired.
The HG74205DPCUPR-NF from L-com has omnidirectional patterns with V/H polarization and features Type N connectors. The key
to providing the best performance in telecommunications is to ensure the components used are low PIM rated. This helps meet the
increasing demand for higher data rates and the ability to provide streaming video for mobile devices. With a low PIM rating of <-150
dBc, the 698-4200 MHz HG74205DPCUPR-NF helps meets the most demanding PIM requirements for 5G and LTE/4G bands.
The Type N connectorized HG74205DPCUPR-NF antenna from L-com is designed specifically for in-building operation and is ideal
for use in large open areas such as indoor courtyards, indoor sporting venues, convention centers and shopping malls. The included
mounting bracket and hardware makes this antenna very easy to install. This 5G Cellular antenna just like our wide selection of superior
quality RF parts, ship same day. Contact our knowledgeable and friendly technical support and sales staff for your answers on antennas
or other L-com products.




Similar Part No. - HG74205DPCUPR-NF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG74205DPCUPR-4310F L-COM-HG74205DPCUPR-4310F Datasheet
374Kb / 4P
698-960 MHz / 1710-2700 MHz / 3400-4200 MHz Low PIM Rated Indoor VH-pol Omni Antenna, 3-5 dBi, Ceiling Mount, 2 x 4.3-10 Female Connector
04/06/2021
More results


Similar Description - HG74205DPCUPR-NF

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFDIP1608070G3T WALSIN-RFDIP1608070G3T Datasheet
624Kb / 7P
698~960 MHz /1710~2700 MHz Band RF Application
logo
TE Connectivity Ltd
2367286-1 TEC-2367286-1 Datasheet
774Kb / 6P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2372105-1 TEC-2372105-1 Datasheet
526Kb / 5P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2372112-1 TEC-2372112-1 Datasheet
535Kb / 5P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2195771-1 TEC-2195771-1 Datasheet
2Mb / 2P
698-960, 1710-2700 & 3400-3800 MHz LTE Standard Antenna Solutions
2361492-1 TEC-2361492-1 Datasheet
760Kb / 6P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
logo
Pasternack Enterprises,...
PE51OM1032 PASTERNACK-PE51OM1032 Datasheet
551Kb / 4P
698-960 MHz / 1710-2700 MHz / 3400-4200 MHz Low PIM Rated Indoor/Outdoor V-pol Omni Antenna, 3-4 dBi, 4.3-10 Female Connector
REV 1.0
PE51OM1033 PASTERNACK-PE51OM1033 Datasheet
352Kb / 3P
6 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1035 PASTERNACK-PE51OM1035 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1036 PASTERNACK-PE51OM1036 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com