Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HG74206CUPR-NF Datasheet (PDF) - Infinite Electronics International, Inc.

HG74206CUPR-NF Datasheet PDF - Infinite Electronics International, Inc.
Part # HG74206CUPR-NF
Download  HG74206CUPR-NF Download
File Size   358.91 Kbytes
Page   4 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 698-960 MHz / 1350-2700 MHz / 3300-4200 MHz Low PIM Rated H-pol Ceiling Omni Antenna, 2.2-5 dBi, Low Profile, Type N Female Connector

HG74206CUPR-NF Datasheet (PDF)

Go To PDF Page Download Datasheet
HG74206CUPR-NF Datasheet PDF - Infinite Electronics International, Inc.

Part # HG74206CUPR-NF
Download  HG74206CUPR-NF Click to download

File Size   358.91 Kbytes
Page   4 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 698-960 MHz / 1350-2700 MHz / 3300-4200 MHz Low PIM Rated H-pol Ceiling Omni Antenna, 2.2-5 dBi, Low Profile, Type N Female Connector

HG74206CUPR-NF Datasheet (HTML) - Infinite Electronics International, Inc.


HG74206CUPR-NF Product details

Features
• Low Passive Intermodulation (PIM) <-153 dBc @ 2x20W
• Horizontal Polarization
• Low Profile ¾” thick antenna
• Type N Female connector with 12 inch pigtail
• Covers 5G, WiFi and LTE frequency bands including extended
CBRS
Applications
• Indoor distribution of 5G, LTE, GSM/CDMA
• In-building public or private networks
• LPWAN, LoRA, LTE-M, NB-IoT, IoT, M2M applications
• DAS (Distributed Antenna Systems)
• Discrete Ceiling Mounts
Description
The L-com HG74206CUPR-NF is a low PIM rated, high performance ceiling mount omnidirectional antenna specifically designed for
in-building wireless networks such as DAS (Distributed Antenna Systems). L-com’s HG74206CUPR-NF has 2.2 to 6 dBi gain and can
be used to distribute Cellular and WiFi signals throughout a building or area. The HG74206CUPR-NF operates from 698 to 4200 MHz
which is ideal for 5G, LTE, CDMA, LPWAN/IoT/M2M applications including LoRA, LTE-M, and NB-IOT. The Multi-Band design of the
L-com HG74206CUPR-NF antenna eliminates the need to purchase different antennas for each frequency. This simplifies installations
since the same antenna can be used for a wide array of in-building wireless applications where wide coverage is desired.
The HG74206CUPR-NF from L-com has omnidirectional patterns with vertical polarization and features Type N connectors. The key
to providing the best performance in telecommunications is to ensure the components used are low PIM rated. This helps meet the
increasing demand for higher data rates and the ability to provide streaming video for mobile devices. With a low PIM rating of <-150
dBc, the 698-4200 MHz HG74206CUPR-NF helps meets the most demanding PIM requirements for 5G and LTE/4G bands.
The Type N connectorized HG74206CUPR-NF antenna from L-com is designed specifically for in-building operation and is ideal for use
in large open areas such as indoor courtyards, indoor sporting venues, convention centers and shopping malls. The included mounting
bracket and hardware makes this antenna very easy to install. This 5G Cellular antenna just like our wide selection of superior quality
RF parts, ship same day. Contact our knowledgeable and friendly technical support and sales staff for your answers on antennas or
other L-com products.




Similar Part No. - HG74206CUPR-NF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG74206CUPR-4310F L-COM-HG74206CUPR-4310F Datasheet
360Kb / 4P
698-960 MHz / 1350-2700 MHz / 3300-4200 MHz Low PIM Rated H-pol Ceiling Omni Antenna, 2.2-5 dBi, Low Profile, 4.3-10 Female Connector
04/09/2021
More results


Similar Description - HG74206CUPR-NF

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
DASCOUPXXDBNF PULSE-DASCOUPXXDBNF Datasheet
166Kb / 2P
Directional Coupler, 698-2700 MHz, Low PIM
DASCOUP10DBNF PULSE-DASCOUP10DBNF Datasheet
166Kb / 2P
Directional Coupler 698-2700 MHz, Low PIM
logo
TE Connectivity Ltd
2367286-1 TEC-2367286-1 Datasheet
774Kb / 6P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2372105-1 TEC-2372105-1 Datasheet
526Kb / 5P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2372112-1 TEC-2372112-1 Datasheet
535Kb / 5P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2361492-1 TEC-2361492-1 Datasheet
760Kb / 6P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
logo
Pasternack Enterprises,...
PE51OM1032 PASTERNACK-PE51OM1032 Datasheet
551Kb / 4P
698-960 MHz / 1710-2700 MHz / 3400-4200 MHz Low PIM Rated Indoor/Outdoor V-pol Omni Antenna, 3-4 dBi, 4.3-10 Female Connector
REV 1.0
PE51OM1033 PASTERNACK-PE51OM1033 Datasheet
352Kb / 3P
6 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1035 PASTERNACK-PE51OM1035 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1036 PASTERNACK-PE51OM1036 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com