Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FMFL1007 Datasheet (PDF) - Infinite Electronics International, Inc.

FMFL1007 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMFL1007
Download  FMFL1007 Download
File Size   622.49 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Bandpass Cavity Filter Operating From 17.2 GHz to 21.2 GHz With SMA Female Connectors

FMFL1007 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMFL1007 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMFL1007
Download  FMFL1007 Click to download

File Size   622.49 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Bandpass Cavity Filter Operating From 17.2 GHz to 21.2 GHz With SMA Female Connectors

FMFL1007 Datasheet (HTML) - Infinite Electronics International, Inc.


FMFL1007 Product details

Features
• Pass band of 4000 MHz
• 17.2 GHz to 21.2 GHz
• Eight section
• Combline filter design
• 50 dB rejection at 13.45
• GHz and 24.95 GHz (5.75
• GHz from band center)
• Typical insertion loss of 1 dB
• Female SMA connectors
• Applications:
• Satellite communications
• FMFL1007
• DATA SHEET




Similar Part No. - FMFL1007

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMFL1000 FAIRVIEW-FMFL1000 Datasheet
600Kb / 4P
Bandpass Cavity Filter Operating From 9.9 GHz to 10.8 GHz With SMA Female Connectors
REV 1.0
FMFL1001 FAIRVIEW-FMFL1001 Datasheet
602Kb / 4P
Bandpass Cavity Filter Operating From 10.55 GHz to 11.8 GHz With SMA Female Connectors
REV 1.0
FMFL1002 FAIRVIEW-FMFL1002 Datasheet
601Kb / 4P
Bandpass Cavity Filter Operating From 11.7 GHz to 12.8 GHz With SMA Female Connectors
REV 1.0
FMFL1003 FAIRVIEW-FMFL1003 Datasheet
599Kb / 4P
Bandpass Cavity Filter Operating From 10.7 GHz to 12.2 GHz With SMA Female Connectors
REV 1.0
FMFL1004 FAIRVIEW-FMFL1004 Datasheet
600Kb / 4P
Bandpass Cavity Filter Operating From 12.2 GHz to 12.7 GHz With SMA Female Connectors
REV 1.0
More results


Similar Description - FMFL1007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8739 PASTERNACK-PE8739 Datasheet
318Kb / 2P
6 Section Bandpass Filter With SMA Female Connectors Operating From 4.4 GHz to 4.95 GHz With a 550 MHz Passband
PE8740 PASTERNACK-PE8740 Datasheet
318Kb / 2P
6 Section Bandpass Filter With SMA Female Connectors Operating From 5.25 GHz to 5.85 GHz With a 600 MHz Passband
PE8741 PASTERNACK-PE8741 Datasheet
316Kb / 2P
8 Section Bandpass Filter With SMA Female Connectors Operating From 7.25 GHz to 7.75 GHz With a 500 MHz Passband
PE8742 PASTERNACK-PE8742 Datasheet
316Kb / 2P
8 Section Bandpass Filter With SMA Female Connectors Operating From 7.9 GHz to 8.4 GHz With a 500 MHz Passband
PE8743 PASTERNACK-PE8743 Datasheet
316Kb / 2P
9 Section Bandpass Filter With SMA Female Connectors Operating From 17.7 GHz to 21.2 GHz With a 3.5 GHz Passband
PE8744 PASTERNACK-PE8744 Datasheet
342Kb / 3P
9 Section Bandpass Filter With SMA Female Connectors Operating From 27.5 GHz to 31 GHz With a 3.5 GHz Passband
PE87FL1012 PASTERNACK-PE87FL1012 Datasheet
516Kb / 4P
11 Section Bandpass Filter With SMA Female Connectors Operating From 1 GHz to 2 GHz With a 1,000 MHz Passband
PE87FL1013 PASTERNACK-PE87FL1013 Datasheet
524Kb / 5P
11 Section Bandpass Filter With SMA Female Connectors Operating From 2 GHz to 4 GHz With a 2 GHz Passband
PE8714 PASTERNACK-PE8714 Datasheet
346Kb / 3P
4 Section Bandpass Filter With SMA Female Connectors Operating From 4.9 GHz to 5.9 GHz With a 1,000 MHz Passband
PE8747 PASTERNACK-PE8747 Datasheet
352Kb / 3P
9 Section Bandpass Filter With SMA Female Connectors Operating From 27.5 GHz to 31 GHz With a 3.5 GHz Passband
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com