Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FMMX1020 Datasheet (PDF) - Infinite Electronics International, Inc.

FMMX1020 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMMX1020
Download  FMMX1020 Download
File Size   739.28 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Mixer from 1 MHz to 2.7 GHz with an IF Range from 1 MHz to 2 GHz and LO Power of 10 dBm

FMMX1020 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMX1020 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMMX1020
Download  FMMX1020 Click to download

File Size   739.28 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Mixer from 1 MHz to 2.7 GHz with an IF Range from 1 MHz to 2 GHz and LO Power of 10 dBm

FMMX1020 Datasheet (HTML) - Infinite Electronics International, Inc.


FMMX1020 Product details

Features
• Double Balanced MIxer Design
• LO & RF Frequency Range:
• 1 MHz to 2700 MHz
• IF Frequency Range: 1
• MHz to 2000 MHz
• LO Drive Level Range:
• +7 dBm to +13 dBm
• Schottky Ring Quad Diodes with
• Optimized Balun Structures
• Conversion Loss: 7 dB typ
• Port Isolations up to 39 dB typ
• High Input IP3 Level: +20 dBm
• RF Input Up to +6 dBm
• SMA Connectors /
• Operating Temperature
• Range: -40°C to +85°C
• Designed to Meet MIL-STD-202
• Environmental Test Conditions
• Applications:
• Electronic Warfare
• Point-to-Point Radios
• Point-to-Multipoint Radios
• VSAT
• Radar
• Space Systems
• Test Instrumentation
• Sensors
• Tlecom Infrastructure




Similar Part No. - FMMX1020

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMMX1021 FAIRVIEW-FMMX1021 Datasheet
739Kb / 4P
SMA Mixer from 1 MHz to 2.7 GHz with an IF Range from 1 MHz to 2 GHz and LO Power of 17 dBm
REV 1.1
FMMX1022 FAIRVIEW-FMMX1022 Datasheet
739Kb / 4P
SMA Mixer from 5 MHz to 3.5 GHz with an IF Range from 5 MHz to 2.5 GHz and LO Power of 13 dBm
REV 1.1
FMMX1023 FAIRVIEW-FMMX1023 Datasheet
740Kb / 4P
SMA Mixer from 5 MHz to 4.2 GHz with an IF Range from 5 MHz to 3.5 GHz and LO Power of 13 dBm
REV 1.1
FMMX1025 FAIRVIEW-FMMX1025 Datasheet
739Kb / 4P
SMA Mixer from 2.5 GHz to 6 GHz with an IF Range from DC to 1.5 GHz and LO Power of 17 dBm
REV 1.1
FMMX1026 FAIRVIEW-FMMX1026 Datasheet
737Kb / 4P
SMA Mixer from 2.25 GHz to 18 GHz with an IF Range from DC to 3 GHz and LO Power of 13 dBm
REV 1.1
More results


Similar Description - FMMX1020

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MR116L APITECH-MR116L Datasheet
193Kb / 2P
RF/LO: 2 to 18 GHz IF: 1 to 10 GHz
logo
Pasternack Enterprises,...
PE8653 PASTERNACK-PE8653 Datasheet
225Kb / 3P
50 Ohm SMA Mixer Operating From 5 GHz to 18 GHz With an IF Range From DC to 4 GHz And LO Power of plus 10 dBm
PE12D1000 PASTERNACK-PE12D1000 Datasheet
400Kb / 4P
Waveguide Mixer Down Converter WR-10 From 75 GHz to 110 GHz, IF From DC to 18 GHz And LO Power
PE12D1001 PASTERNACK-PE12D1001 Datasheet
699Kb / 4P
Waveguide Mixer Down Converter WR-12 From 60 GHz to 90 GHz, IF From DC to 18 GHz And LO Power
PE12D1003 PASTERNACK-PE12D1003 Datasheet
389Kb / 4P
Waveguide Mixer Down Converter WR-19 From 40 GHz to 60 GHz, IF From DC to 18 GHz And LO Power
PE13U1000 PASTERNACK-PE13U1000 Datasheet
391Kb / 4P
Waveguide Mixer Up Converter WR-10 From 75 GHz to 110 GHz, IF From DC to 18 GHz And LO Power
PE13U1001 PASTERNACK-PE13U1001 Datasheet
391Kb / 4P
Waveguide Mixer Up Converter WR-12 From 60 GHz to 90 GHz, IF From DC to 18 GHz And LO Power
PE13U1002 PASTERNACK-PE13U1002 Datasheet
388Kb / 4P
Waveguide Mixer Up Converter WR-15 From 50 GHz to 75 GHz, IF From DC to 18 GHz And LO Power
PE13U1004 PASTERNACK-PE13U1004 Datasheet
389Kb / 4P
Waveguide Mixer Up Converter WR-22 From 33 GHz to 50 GHz, IF From DC to 18 GHz And LO Power
PE13U1005 PASTERNACK-PE13U1005 Datasheet
385Kb / 4P
Waveguide Mixer Up Converter WR-28 From 26.5 GHz to 40 GHz, IF From DC to 18 GHz And LO Power of plus 13 dBm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com