Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FMMX1002 Datasheet (PDF) - Infinite Electronics International, Inc.

FMMX1002 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMMX1002
Download  FMMX1002 Download
File Size   638.29 Kbytes
Page   6 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Field Replaceable 2.92mm Double Balanced Mixer From 23 GHz to 37 GHz With an IF Range From DC to 13 GHz And LO Power of 13 dBm

FMMX1002 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMX1002 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMMX1002
Download  FMMX1002 Click to download

File Size   638.29 Kbytes
Page   6 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Field Replaceable 2.92mm Double Balanced Mixer From 23 GHz to 37 GHz With an IF Range From DC to 13 GHz And LO Power of 13 dBm

FMMX1002 Datasheet (HTML) - Infinite Electronics International, Inc.


FMMX1002 Product details

Features
• Double Balanced Mixer Module
• RF/LO Frequency 23 to 37 GHz
• Wide IF Bandwidth DC to 13 GHz
• GaAs MESFET MMIC Technology
• No external components
• or matching circuitry
• LO Drive level +13 dBm
• Low Conversion loss 9 dB
• High LO/RF Isolation 35 dB
• Hermetically Sealed Module
• Mil Spec Compliant
• Field Replaceable Connectors
• -55°C to +85°C Operating
• Temperature
• Applications:
• Electronic Warfare
• Point-to-Point Radios
• Point-to-Multipoint Radios
• VSAT
• Radar
• Space Systems
• Test Instrumentation
• Sensors
• Telecom Infrastructure
• Military End-Use




Similar Part No. - FMMX1002

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMMX1001 FAIRVIEW-FMMX1001 Datasheet
635Kb / 6P
Field Replaceable 2.92mm Double Balanced Mixer From 24 GHz to 38 GHz With an IF Range From DC to 8 GHz And LO Power of 13 dBm
REV 1.0
FMMX1007 FAIRVIEW-FMMX1007 Datasheet
594Kb / 4P
Field Replaceable SMA Mixer from 6 GHz to 18 GHz with an IF Range from DC to 3 GHz and LO Power of 6 dBm
REV 1.1A
FMMX1009 FAIRVIEW-FMMX1009 Datasheet
622Kb / 4P
Field Replaceable 2.92mm Mixer from 7 GHz to 43 GHz with an IF Range from DC to 10 GHz and LO Power of 13 dBm
REV 1.1A
More results


Similar Description - FMMX1002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8653 PASTERNACK-PE8653 Datasheet
225Kb / 3P
50 Ohm SMA Mixer Operating From 5 GHz to 18 GHz With an IF Range From DC to 4 GHz And LO Power of plus 10 dBm
PE12D1000 PASTERNACK-PE12D1000 Datasheet
400Kb / 4P
Waveguide Mixer Down Converter WR-10 From 75 GHz to 110 GHz, IF From DC to 18 GHz And LO Power
PE12D1001 PASTERNACK-PE12D1001 Datasheet
699Kb / 4P
Waveguide Mixer Down Converter WR-12 From 60 GHz to 90 GHz, IF From DC to 18 GHz And LO Power
PE12D1002 PASTERNACK-PE12D1002 Datasheet
388Kb / 4P
Waveguide Mixer Down Converter WR-15 From 50 GHz to 75 GHz, IF From DC to 18 GHz And LO Power
PE12D1003 PASTERNACK-PE12D1003 Datasheet
389Kb / 4P
Waveguide Mixer Down Converter WR-19 From 40 GHz to 60 GHz, IF From DC to 18 GHz And LO Power
PE13U1000 PASTERNACK-PE13U1000 Datasheet
391Kb / 4P
Waveguide Mixer Up Converter WR-10 From 75 GHz to 110 GHz, IF From DC to 18 GHz And LO Power
PE13U1001 PASTERNACK-PE13U1001 Datasheet
391Kb / 4P
Waveguide Mixer Up Converter WR-12 From 60 GHz to 90 GHz, IF From DC to 18 GHz And LO Power
PE13U1002 PASTERNACK-PE13U1002 Datasheet
388Kb / 4P
Waveguide Mixer Up Converter WR-15 From 50 GHz to 75 GHz, IF From DC to 18 GHz And LO Power
PE13U1004 PASTERNACK-PE13U1004 Datasheet
389Kb / 4P
Waveguide Mixer Up Converter WR-22 From 33 GHz to 50 GHz, IF From DC to 18 GHz And LO Power
PE13U1005 PASTERNACK-PE13U1005 Datasheet
385Kb / 4P
Waveguide Mixer Up Converter WR-28 From 26.5 GHz to 40 GHz, IF From DC to 18 GHz And LO Power of plus 13 dBm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com