Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1N6469 Datasheet (PDF) - Microchip Technology

1N6469 Datasheet PDF - Microchip Technology
Part # 1N6469
Download  1N6469 Download
File Size   414.91 Kbytes
Page   10 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Voidless Hermetically Sealed Unidirectional Transient Suppressors

1N6469 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N6469 Datasheet PDF - Microchip Technology

Part # 1N6469
Download  1N6469 Click to download

File Size   414.91 Kbytes
Page   10 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Voidless Hermetically Sealed Unidirectional Transient Suppressors

1N6469 Datasheet (HTML) - Microchip Technology


1N6469 Product details

Features
• High surge current and peak pulse power provides transient
voltage protection for sensitive circuits.
• Double-layer passivation
• Internal “Category I” metallurgical bonds
• Voidless hermetically sealed glass package
• JAN/TX/TXV military qualifications available per MILPRF-19500/552
by adding JAN, JANTX, or JANTXV prefix.
– Further options for screening in accordance with MILPRF-
19500 for JANS equivalent level by using a “MS” prefix.
– Surface-mount equivalents are also available in a squareend-
cap MELF configuration with a “US” suffix (see separate
data sheet).
Applications
• Military and other high reliability transient protection
• Extremely robust construction
• Working peak “standoff” voltage (VWM) from 5.0 V to 51.6 V
• Available as 1500 W peak pulse power (PPP)
• ESD and EFT protection per IEC61000-4-2 and IEC61000-4-4
respectively
• Secondary lightning protection per select levels in IEC61000-4-5
• Flexible axial-leaded mounting terminals
• Nonsensitive to ESD per MIL-STD-750 Method 1020
• Inherently radiation hard as described in MicroNote 050




Similar Part No. - 1N6469

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N6469 SEMTECH-1N6469 Datasheet
24Kb / 2P
QPL 1500 Watt Axial Leaded TVS
logo
Microsemi Corporation
1N6469 MICROSEMI-1N6469 Datasheet
63Kb / 2P
TRANSIENT SUPPRESSORS
1N6469 MICROSEMI-1N6469 Datasheet
74Kb / 2P
TRANSEINT SUPPRESSOR
1N6469 MICROSEMI-1N6469 Datasheet
68Kb / 2P
HIGH SUGRE CAPACITY PROVIDES TRANSIENT PROTECTION FOR MOST CRITICAL CIRCUITS.
1N6469 MICROSEMI-1N6469 Datasheet
331Kb / 3P
Voidless-Hermetically-Sealed Unidirectiona Transient Suppressors
More results


Similar Description - 1N6469

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6469 MICROSEMI-1N6469 Datasheet
331Kb / 3P
Voidless-Hermetically-Sealed Unidirectiona Transient Suppressors
1N6461US MICROSEMI-1N6461US Datasheet
310Kb / 3P
Voidless-Hermetically-Sealed Surface Mount Unidirectional Transient
1N6461 MICROSEMI-1N6461_08 Datasheet
223Kb / 3P
Voidless-Hermetically-Sealed Unidirectional Transient Suppressors
1N6469US MICROSEMI-1N6469US_07 Datasheet
185Kb / 3P
Voidless-Hermetically-Sealed Surface Mount Unidirectional Transient Suppressors
JANTX1N6461US MICROSEMI-JANTX1N6461US Datasheet
508Kb / 6P
Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors
JAN1N6467 MICROSEMI-JAN1N6467 Datasheet
223Kb / 3P
Voidless-Hermetically-Sealed Unidirectional Transient Suppressors
JANTX1N6467US MICROSEMI-JANTX1N6467US Datasheet
508Kb / 6P
Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors
JAN1N6461 MICROSEMI-JAN1N6461 Datasheet
508Kb / 6P
Voidless Hermetically Sealed Unidirectional Voidless Hermetically Sealed Unidirectional
JANTX1N6464 MICROSEMI-JANTX1N6464 Datasheet
529Kb / 6P
Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors
1N8149 MICROSEMI-1N8149 Datasheet
420Kb / 6P
Voidless-Hermetically-Sealed Unidirectional 150 W Low-Capacitance Transient Voltage Suppressors
Rev x
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com