Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

3511115 Datasheet (PDF) - KNIPEX

3511115 Datasheet PDF - KNIPEX
Part # 3511115
Download  3511115 Download
File Size   144.51 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Electronics Pliers

3511115 Datasheet (PDF)

Go To PDF Page Download Datasheet
3511115 Datasheet PDF - KNIPEX

Part # 3511115
Download  3511115 Click to download

File Size   144.51 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Electronics Pliers

3511115 Datasheet (HTML) - KNIPEX


3511115 Product details

General
Article No. 35 11 115
EAN 4003773016694
Head mirror polished
Handles with non-slip plastic coating
Weight 55 g
Dimensions 115 x 66 x 12 mm
Standard DIN ISO 9655
Reach no
RohS no




Similar Part No. - 3511115

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
35111 TEC-35111 Datasheet
5Mb / 12P
PIDG TERMINALS & SPLICES
09/17
logo
Molex Electronics Ltd.
35111-2012 MOLEX4-35111-2012 Datasheet
71Kb / 2P
1.78mm (.070") Tab Wire-to-Board TPA?? 5.00mm (.197") Pitch, 20 Circuits
logo
Lumberg
351110 LUMBERG-351110 Datasheet
117Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
351110 LUMBERG-351110 Datasheet
560Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
logo
ITT Industries
351110000 ITT-351110000 Datasheet
671Kb / 8P
Thumbwheel Switches
More results


Similar Description - 3511115

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
26703 ETC2-26703 Datasheet
394Kb / 5P
Combination pliers Basic
32919 ETC2-32919 Datasheet
199Kb / 1P
Wiha ComfortGrip Pliers
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
Pliers
logo
PHOENIX CONTACT
SF-Z0008 PHOENIX-SF-Z0008 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0009 PHOENIX-SF-Z0009 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0029 PHOENIX-SF-Z0029 Datasheet
46Kb / 2P
Crimping pliers
RC-Z2504 PHOENIX-RC-Z2504 Datasheet
45Kb / 2P
Crimping pliers
1212490 PHOENIX-1212490 Datasheet
49Kb / 2P
Pointed pliers - MICROFOX-R
1212802 PHOENIX-1212802 Datasheet
43Kb / 2P
Pointed pliers - MICROFOX-R_DB
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-STRIPPER PF-VAZ-FK-R-STRIPPER Datasheet
102Kb / 1P
Stripping pliers
2009-03-11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com