Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

G45.A.201111 Datasheet (PDF) - Taoglas antenna solutions

G45.A.201111 Datasheet PDF - Taoglas antenna solutions
Part # G45.A.201111
Download  G45.A.201111 Download
File Size   9973.05 Kbytes
Page   39 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description Olympian II 5G/4G

G45.A.201111 Datasheet (PDF)

Go To PDF Page Download Datasheet
G45.A.201111 Datasheet PDF - Taoglas antenna solutions

Part # G45.A.201111
Download  G45.A.201111 Click to download

File Size   9973.05 Kbytes
Page   39 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description Olympian II 5G/4G

G45.A.201111 Datasheet (HTML) - Taoglas antenna solutions


G45.A.201111 Product details

Description:
Olympian II - 5G/4G Permanent Mount Antenna
with 2m RG-174 and SMA(M)

Features:
5G/4G Permanent Mount Antenna
Covering Sub 6GHz 5GNR Bands
Covering Worldwide 5G Bands
3G/2G Backward compatible
IP67 Rated Enclosure
IK10 Rated Enclosure
Cable: 2m RG-174
Connector: SMA(M)
Dimensions: Ø50.15*48.5mm
RoHS & REACH Compliant




Similar Part No. - G45.A.201111

ManufacturerPart #DatasheetDescription
logo
International Rectifier
G450HHBK06P2 IRF-G450HHBK06P2 Datasheet
121Kb / 6P
HiRelTM INT-A-Pak 2, PLASTIC HALF-BRIDGE IGBT MODULE
logo
Goford Semiconductor
G450N06HA GOFORD-G450N06HA Datasheet
803Kb / 6P
N-Channel Enhancement Mode Power MOSFET
G450N10D52 GOFORD-G450N10D52 Datasheet
893Kb / 6P
DUAL N-Channel Enhancement Mode Power MOSFET
G450N10D5A GOFORD-G450N10D5A Datasheet
863Kb / 6P
N-Channel Enhancement Mode Power MOSFET
logo
Anaren Microwave
G450N50W4 ANAREN-G450N50W4 Datasheet
556Kb / 2P
RoHS Compliant
More results


Similar Description - G45.A.201111

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA140ALB001 TAOGLAS-MA140ALB001 Datasheet
1Mb / 25P
Olympian 2in1 LTE 4G/3G/2G and GPS/GLONASS/GALILEO
MA140.A.LB.001 TAOGLAS-MA140.A.LB.001_17 Datasheet
1Mb / 25P
Olympian 2in1 LTE 4G/3G/2G and GPS/GLONASS/GALILEO
MA140.A.LB.001 TAOGLAS-MA140.A.LB.001_19 Datasheet
1Mb / 26P
Olympian 2in1 LTE 4G/3G/2G
logo
TE Connectivity Ltd
2362683 TEC-2362683 Datasheet
2Mb / 5P
3G/4G/5G MIMO HIGH GAIN ANTENNA
logo
Pulse A Technitrol Comp...
W3415 PULSE-W3415 Datasheet
1Mb / 15P
617-6000MHz SMD 4G/5G IoT Antenna
logo
PCTEL, Inc.
PCTHPDLTEMIMO-SF PCTEL-PCTHPDLTEMIMO-SF Datasheet
347Kb / 2P
5G & 4G Dual LTE with 802.11ac Option
2020
logo
Pulse A Technitrol Comp...
RO600NFKIT PULSE-RO600NFKIT Datasheet
774Kb / 7P
Outdoor 5G/4G Radome Omni Dipole Antenna
logo
AVX Corporation
1005460F0 AVX-1005460F0 Datasheet
1Mb / 11P
5G/4G Wide Band FPC Embedded Antenna
11/8/2022 Rev 3.
1005595 AVX-1005595 Datasheet
1Mb / 8P
Broadband 5G/4G External Antenna
11/10/2022 Rev. 0
logo
Abracon Corporation
ACR4006X ABRACON-ACR4006X Datasheet
1Mb / 11P
5G NR/ 4G/ LTE Ceramic Chip Antenna
REVISED: 10-01-20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com