Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

3L45G2BK Datasheet (PDF) - TUK Ltd

3L45G2BK Datasheet PDF - TUK Ltd
Part # 3L45G2BK
Download  3L45G2BK Download
File Size   4859.37 Kbytes
Page   8 Pages
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd
Description Back Boxes

3L45G2BK Datasheet (PDF)

Go To PDF Page Download Datasheet
3L45G2BK Datasheet PDF - TUK Ltd

Part # 3L45G2BK
Download  3L45G2BK Click to download

File Size   4859.37 Kbytes
Page   8 Pages
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd
Description Back Boxes

3L45G2BK Datasheet (HTML) - TUK Ltd


3L45G2BK Product details

Our range of plastic back boxes are cost effective solutions for a wide range of surface mount
applications. Manufactured in tough ABS, they are much less brittle than traditional electrical back
boxes and, so, less prone to damage during installation.
Single gang variants are designed for use with 86mm x 86mm faceplates and are available in four
depths (21mm, 32mm, 37mm and 45mm).
Double gang variants accept 146mm x 86mm faceplates and are available in three depths (32mm,
37mm and 45mm).
The standard colour for all variants is bright white but 3L32bk, 3L32G2bk, 3L45bk and 3L45G2bk are also available in black.
All variants feature a selection of mounting holes for ease of installation. There are cable entry
knockouts on all sides of the back box as well as the base for maximum flexibility.




Similar Part No. - 3L45G2BK

ManufacturerPart #DatasheetDescription
logo
TUK Ltd
3L45BK TUK-3L45BK Datasheet
4Mb / 8P
Back Boxes
01/11/2022
More results


Similar Description - 3L45G2BK

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
TW1-70W FERYSTER-TW1-70W Datasheet
151Kb / 1P
BOXES
TWP2-32 FERYSTER-TWP2-32 Datasheet
84Kb / 1P
BOXES
logo
List of Unclassifed Man...
A508 ETC2-A508 Datasheet
104Kb / 2P
Surface Mount Back Boxes
K825 ETC1-K825 Datasheet
42Kb / 2P
Junction Boxes
GPL1 ETC2-GPL1 Datasheet
113Kb / 1P
Potting Boxes
MB1G ETC2-MB1G Datasheet
110Kb / 1P
Multipurpose Boxes
BM11W ETC2-BM11W Datasheet
94Kb / 1P
ABS Boxes
logo
Pepperl+Fuchs Inc.
V1-6A-E2-10M-PUR PF-V1-6A-E2-10M-PUR Datasheet
576Kb / 3P
Splitter boxes
2022-03-28
V1-8A-E2-5M-PUR PF-V1-8A-E2-5M-PUR Datasheet
610Kb / 3P
Splitter boxes
2022-03-28
V1-8A-E2-V112 PF-V1-8A-E2-V112 Datasheet
885Kb / 2P
Splitter boxes
2022-06-10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com