Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MA8010.A.001 Datasheet (PDF) - Taoglas antenna solutions

MA8010.A.001 Datasheet PDF - Taoglas antenna solutions
Part # MA8010.A.001
Download  MA8010.A.001 Download
File Size   24811.86 Kbytes
Page   86 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description 10-in-1 Screwmount GNSS, Wi-Fi and 4G/5G Antenna

MA8010.A.001 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA8010.A.001 Datasheet PDF - Taoglas antenna solutions

Part # MA8010.A.001
Download  MA8010.A.001 Click to download

File Size   24811.86 Kbytes
Page   86 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description 10-in-1 Screwmount GNSS, Wi-Fi and 4G/5G Antenna

MA8010.A.001 Datasheet (HTML) - Taoglas antenna solutions


MA8010.A.001 Product details

Description
10in1 Screwmount 3m RG-174/TGC-1.5DS GNSS FAKRA C 5G/4G (1-
4) FAKRA D Wi-Fi (1-5) FAKRA I

Features:
1*GNSS L1/L5 Bands
4* 5G/4G LTE Cellular 600-6000MHz
5* Wi-Fi 2.4/5.8/7.125GHz
Dimensions: 350mm x 70mm x 39mm
M22 Thread
Cable: GNSS- RG-174, Wi-Fi & 5G/4G – TGC-1.5DS
Connector: GNSS – FAKRA C, 5G/4G – FAKRA D, Wi-Fi – FAKRA I
Custom Cables and Connectors Available
RoHS & Reach Compliant




Similar Part No. - MA8010.A.001

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MA80101BAN MURATA-MA80101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA80101BBN MURATA-MA80101BBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA80101CAN MURATA-MA80101CAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA80101CBN MURATA-MA80101CBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA80101DAN MURATA-MA80101DAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results


Similar Description - MA8010.A.001

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA350.A.LBICG.003 TAOGLAS-MA350.A.LBICG.003 Datasheet
8Mb / 68P
Steedan 5-in-1 Magnetic Mount Antenna with GNSS, 2*LTE & 2*Wi-Fi
logo
TE Connectivity Ltd
2108783-1 TEC-2108783-1 Datasheet
1Mb / 8P
5G/4G/3G/2G, NB GNSS WORLD BAND COMBINATION ANTENNA
2108784-1 TEC-2108784-1 Datasheet
1Mb / 8P
5G/4G/3G/2G, NB GNSS WORLD BAND COMBINATION ANTENNA
2195846-1 TEC-2195846-1 Datasheet
1,006Kb / 10P
5G/4G/3G/2G, NB-IoT, Cat-M, GNSS, Wi-Fi 6E WORLD BAND ANTENNA
2195851-1 TEC-2195851-1 Datasheet
1Mb / 10P
METASPAN 5G/4G/3G/2G, NB-IoT, Cat-M, GNSS, Wi-Fi 6E WORLD BAND COMBINATION ANTENNA
2195852-1 TEC-2195852-1 Datasheet
852Kb / 8P
METASPAN 5G/4G/3G/2G, NB-IoT, Cat-M, GNSS, Wi-Fi 6 WORLD BAND COMBINATION ANTENNA
logo
Qorvo, Inc
QM28011 QORVO-QM28011 Datasheet
1Mb / 20P
MHB, 2.4G Wi-Fi, and UHB/5G Wi-Fi 6E Antenna Triplexer
logo
PCTEL, Inc.
GL9X1AX-SF PCTEL-GL9X1AX-SF Datasheet
426Kb / 5P
Combination Antenna - 5G Cellular, Wi-Fi and GNSS
2021
logo
Suzhou Maswell Communic...
AN_MASTER_001-4 MASWELL-AN_MASTER_001-4 Datasheet
1Mb / 14P
Maswell 5G/4G/LTE GNSS Panel MIMO Combo Antenna
logo
AVX Corporation
1005392F0-AA10L0600 AVX-1005392F0-AA10L0600 Datasheet
3Mb / 10P
5G/4G & Dual Dual-band Wi-Fi FPC Embedded Combo Antenna
10-Aug-21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com