Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HMV4P1P02S Datasheet (PDF) - Multicomp Pro

HMV4P1P02S Datasheet PDF - Multicomp Pro
Part # HMV4P1P02S
Download  HMV4P1P02S Download
File Size   188.49 Kbytes
Page   3 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description P Channel Enhancement Mode Field Effect Transistor

HMV4P1P02S Datasheet (PDF)

Go To PDF Page Download Datasheet
HMV4P1P02S Datasheet PDF - Multicomp Pro

Part # HMV4P1P02S
Download  HMV4P1P02S Click to download

File Size   188.49 Kbytes
Page   3 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description P Channel Enhancement Mode Field Effect Transistor

HMV4P1P02S Datasheet (HTML) - Multicomp Pro


HMV4P1P02S Product details

[Features]
• Advanced Trench Technology
• Lead Free Product is Acquired
• ESD Rating : HBM 2.0KV
• Excellent RDS(ON) and Low Gate Charge
Maximum Ratings @TA = +25°C
Parameter Symbol Value Unit
Drain-Source Voltage VDS -20 V
Gate-Source Voltage VGS ±10 V
Continuous Drain Current ID -4.1 A
Pulsed Drain Current (Note1.) IDM -16.4 A
Power Dissipation PD 1.1 W
Thermal Resistance from Junction to Ambient RθJA 114 °C/W
Operating and Storage Temperature Range TJ, TSTG -55 to +150 °C

[Applications]
• PWM Applications
• Power Management
• Load Switch for Portable Devices




Similar Part No. - HMV4P1P02S

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
HMVA-63 FESTO-HMVA-63 Datasheet
96Kb / 1P
Adapter kit
HMVA-DLA18/25 FESTO-HMVA-DLA18/25 Datasheet
88Kb / 1P
Actuator adapter kit
HMVA-DLA40 FESTO-HMVA-DLA40 Datasheet
98Kb / 1P
Actuator adapter kit
HMVD-DL40/63 FESTO-HMVD-DL40/63 Datasheet
95Kb / 1P
Reinforcing plate
HMVD-LP-DL25/40 FESTO-HMVD-LP-DL25/40 Datasheet
74Kb / 1P
Basic kit
More results


Similar Description - HMV4P1P02S

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com