Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJF1052IT/5Y Datasheet (PDF) - NXP Semiconductors

TJF1052IT/5Y Datasheet PDF - NXP Semiconductors
Part # TJF1052IT/5Y
Download  TJF1052IT/5Y Download
File Size   469.74 Kbytes
Page   22 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Galvanically isolated high-speed CAN transceiver

TJF1052IT/5Y Datasheet (PDF)

Go To PDF Page Download Datasheet
TJF1052IT/5Y Datasheet PDF - NXP Semiconductors

Part # TJF1052IT/5Y
Download  TJF1052IT/5Y Click to download

File Size   469.74 Kbytes
Page   22 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Galvanically isolated high-speed CAN transceiver

TJF1052IT/5Y Datasheet (HTML) - NXP Semiconductors


TJF1052IT/5Y Product details

General description
The TJF1052i is a high-speed CAN transceiver that provides a galvanically isolated
interface between a Controller Area Network (CAN) protocol controller and the physical
two-wire CAN bus. The TJF1052i is specifically targeted at industrial applications, where
galvanic isolation barriers are needed between the high- and low-voltage parts.
Safety: Isolation is required for safety reasons, eg. to protect humans from electric shock
or to prevent the electronics being damaged by high voltages.
Signal integrity: The isolator uses proprietary capacitive isolation technology to transmit
and receive CAN signals. This technology enables more reliable data communications in
noisy environments, such as electric pumps, elevators or industrial equipment.
Performance: The transceiver is designed for high-speed CAN applications, supplying
the differential transmit and receive capability to a CAN protocol controller in a
microcontroller. Integrating the galvanic isolation along with the transceiver in the
TJF1052i removes the need for stand-alone isolation. It also improves reliability and
system performance parameters such as loop delay.
The TJF1052i belongs to the third generation of high-speed CAN transceivers from NXP
Semiconductors, offering significant improvements over first- and second-generation
devices. It offers improved ElectroMagnetic Compatibility (EMC) and ElectroStatic
Discharge (ESD) performance, and also features ideal passive behavior to the CAN bus
when the transceiver supply voltage is off.
The TJF1052i implements the CAN physical layer as defined in the current ISO11898
standard (ISO11898-2:2003). Pending the release of the updated version of ISO11898-2
including CAN FD, additional timing parameters defining loop delay symmetry are
specified. This implementation enables reliable communication in the CAN FD fast phase
at data rates up to 2 Mbit/s.
The TJF1052i is an excellent choice for all types of industrial CAN networks where
isolation is required for safety reasons or to enhance signal integrity in noisy
environments.
Features and benefits
2.1 General
 Isolator and Transceiver integrated into a single SO16 package, reducing board space
 ISO 11898-2:2003 compliant
 Loop delay symmetry timing enables reliable communication at data rates up to
2 Mbit/s in the CAN FD fast phase
 Flawless cooperation between the Isolator and the Transceiver
 Fewer components improves reliability in applications
 Guaranteed performance (eg. max loop delay <220 ns)
 Electrical transient immunity of 45 kV/s (typ)
 Suitable for use in 12 V and 24 V systems; compatible with 3 V to 5 V microcontrollers
 Bus common mode voltage (Vcm) = 25 V
 Low ElectroMagnetic Emission (EME) and high ElectroMagnetic Immunity (EMI)
 Dark green product (halogen free and Restriction of Hazardous Substances (RoHS)
compliant)




Similar Part No. - TJF1052IT/5Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJF1052I NXP-TJF1052I Datasheet
305Kb / 27P
Galvanically isolated high-speed CAN transceiver
Rev. 3-20 May 2016
More results


Similar Description - TJF1052IT/5Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL41050 ETC2-IL41050 Datasheet
143Kb / 10P
Isolated High-Speed CAN Transceiver
logo
Infineon Technologies A...
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
List of Unclassifed Man...
IL41050TE ETC2-IL41050TE Datasheet
161Kb / 10P
Isolated High-Speed CAN Transceiver
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
logo
NXP Semiconductors
TJA1052I NXP-TJA1052I Datasheet
277Kb / 27P
Galvanically isolated high-speed CAN transceiver
Rev. 5-29 January 2018
TJF1052I NXP-TJF1052I Datasheet
305Kb / 27P
Galvanically isolated high-speed CAN transceiver
Rev. 3-20 May 2016
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com