Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CR3PM-12 Datasheet (PDF) - Renesas Technology Corp

CR3PM-12 Datasheet PDF - Renesas Technology Corp
Part # CR3PM-12_05
Download  CR3PM-12 Download
File Size   90.85 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Thyristor Low Power Use

CR3PM-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
CR3PM-12 Datasheet PDF - Renesas Technology Corp

Part # CR3PM-12_05
Download  CR3PM-12 Click to download

File Size   90.85 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Thyristor Low Power Use

CR3PM-12 Datasheet (HTML) - Renesas Technology Corp


CR3PM-12 Product details

Features
• IT (AV) : 3 A
• VDRM : 600 V
• IGT : 100 µA
• Viso : 1500 V
• Insulated Type
• Glass Passivation Type
• UL Recognized : Yellow Card No. E223904
                                  File No. E80271

Applications
  TV sets, control of household equipment such as electric blanket, and other general purpose control applications




Similar Part No. - CR3PM-12_05

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR3PM-12G RENESAS-CR3PM-12G Datasheet
87Kb / 7P
Thyristor Low Power Use
CR3PM-12G RENESAS-CR3PM-12G_15 Datasheet
99Kb / 7P
Thyristor Low Power Use
More results


Similar Description - CR3PM-12_05

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR05AS-8 RENESAS-CR05AS-8 Datasheet
154Kb / 9P
Thyristor Low Power Use
CR02AM-8 RENESAS-CR02AM-8 Datasheet
89Kb / 8P
Thyristor Low Power Use
CR03AM-12 RENESAS-CR03AM-12 Datasheet
89Kb / 8P
Thyristor Low Power Use
CR05AM-16 RENESAS-CR05AM-16 Datasheet
121Kb / 8P
Thyristor Low Power Use
CR04AM-12A RENESAS-CR04AM-12A Datasheet
111Kb / 9P
Thyristor Low Power Use
CR08AS-12 RENESAS-CR08AS-12_10 Datasheet
245Kb / 9P
Thyristor Low Power Use
CR3PM-12G RENESAS-CR3PM-12G Datasheet
87Kb / 7P
Thyristor Low Power Use
CR05AS-8 RENESAS-CR05AS-8_15 Datasheet
134Kb / 9P
Thyristor Low Power Use
CR05BS-8 RENESAS-CR05BS-8_15 Datasheet
84Kb / 5P
Thyristor Low Power Use
CR3PM-12G RENESAS-CR3PM-12G_15 Datasheet
99Kb / 7P
Thyristor Low Power Use
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com