Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FZT1047A Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

FZT1047A Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # FZT1047A
Download  FZT1047A Download
File Size   38.35 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description NPN Silicon Planar Medium Power High Gain Transistor

FZT1047A Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT1047A Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # FZT1047A
Download  FZT1047A Click to download

File Size   38.35 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description NPN Silicon Planar Medium Power High Gain Transistor

FZT1047A Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


FZT1047A Product details

Features
● VCEO = 10V.
● 5 Amp continuous current.
● 20 Amp pulse current.
● Low saturation voltage.
● High gain.
● Extremely low equivalent on-resistance;
   RCE(sat) = 44mΩ at 5A.




Similar Part No. - FZT1047A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT1047A ZETEX-FZT1047A Datasheet
120Kb / 4P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Diodes Incorporated
FZT1047A DIODES-FZT1047A Datasheet
131Kb / 4P
SOT223 NPN SILICON PLANAR
AUGUST 1997
FZT1047A DIODES-FZT1047A_15 Datasheet
131Kb / 4P
SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
AUGUST 1997
FZT1047A DIODES-FZT1047A_16 Datasheet
698Kb / 7P
10V NPN MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 2
More results


Similar Description - FZT1047A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT1048A ZETEX-FZT1048A Datasheet
132Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX1055A ZETEX-ZTX1055A Datasheet
123Kb / 4P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FXT690B ZETEX-FXT690B Datasheet
50Kb / 2P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
GTM CORPORATION
GL1501A GTM-GL1501A Datasheet
477Kb / 2P
NPN SILICON PLANAR MEDIUM POWER high gain TRANSISTOR
logo
Guangdong Kexin Industr...
FZT688B KEXIN-FZT688B Datasheet
37Kb / 2P
NPN Silicon Planar Medium Power High Gain Transistor
logo
Diodes Incorporated
ZTX618 DIODES-ZTX618 Datasheet
159Kb / 4P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
JULY 1995
ZTX696B DIODES-ZTX696B Datasheet
64Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
NOVEMBER 1995
ZTX690BSTZ DIODES-ZTX690BSTZ Datasheet
74Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
MAY 1994
logo
List of Unclassifed Man...
ZTX618STZ ETC2-ZTX618STZ Datasheet
159Kb / 4P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Diodes Incorporated
ZTX1048A DIODES-ZTX1048A_15 Datasheet
118Kb / 4P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FEBRUARY 1995
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com