Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MC-30A Datasheet (PDF) - Epson ToYoCom

MC-30A Datasheet PDF - Epson ToYoCom
Part # MC-30A
Download  MC-30A Download
File Size   287.67 Kbytes
Page   2 Pages
Manufacturer  EPSONTOYOCOM [Epson ToYoCom]
Direct Link  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom
Description kHz RANGE CRYSTAL UNIT FOR AUTOMOTIVE APPLICATIONS

MC-30A Datasheet (PDF)

Go To PDF Page Download Datasheet
MC-30A Datasheet PDF - Epson ToYoCom

Part # MC-30A
Download  MC-30A Click to download

File Size   287.67 Kbytes
Page   2 Pages
Manufacturer  EPSONTOYOCOM [Epson ToYoCom]
Direct Link  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom
Description kHz RANGE CRYSTAL UNIT FOR AUTOMOTIVE APPLICATIONS

MC-30A Datasheet (HTML) - Epson ToYoCom


MC-30A Product details

• Frequency range : 32.768 kHz (20 kHz to 165 kHz)

• Thickness : 2.54 mm Max.

• Overtone order : Fundamental

• Applications : Accessories and ECU sub clock

• Conforms to AEC-Q200



 




Similar Part No. - MC-30A

ManufacturerPart #DatasheetDescription
logo
Epson Company
MC-30A EPSON-MC-30A Datasheet
373Kb / 2P
kHz RANGE CRYSTAL UNIT For Automotive
More results


Similar Description - MC-30A

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
MC-306 EPSONTOYOCOM-MC-306_10 Datasheet
189Kb / 1P
kHz RANGE CRYSTAL UNIT SMD
logo
Epson Company
FC-13A EPSON-FC-13A Datasheet
245Kb / 2P
kHz RANGE CRYSTAL UNIT FOR AUTOMOTIVE APPLICATIONS LOW PROFILE SMD
logo
List of Unclassifed Man...
MC-306 ETC1-MC-306 Datasheet
261Kb / 2P
kHz RANGE CRYSTAL UNIT SMD
logo
Epson Company
FC-13A EPSON-FC-13A Datasheet
369Kb / 2P
kHz RANGE CRYSTAL UNIT For Automotive
MC-30A EPSON-MC-30A Datasheet
373Kb / 2P
kHz RANGE CRYSTAL UNIT For Automotive
logo
List of Unclassifed Man...
Q13MC1462000412 ETC2-Q13MC1462000412 Datasheet
133Kb / 3P
kHz Range Crystal unit
Q13MC1462000612 ETC2-Q13MC1462000612 Datasheet
133Kb / 3P
kHz Range Crystal unit
logo
Epson Company
FC-135R EPSON-FC-135R Datasheet
467Kb / 2P
kHz RANGE CRYSTAL UNIT
FC1610AN EPSON-FC1610AN Datasheet
333Kb / 2P
kHz RANGE CRYSTAL UNIT
MC-306 EPSON-MC-306 Datasheet
365Kb / 2P
kHz RANGE CRYSTAL UNIT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com