Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADS-919 Datasheet (PDF) - Murata Power Solutions Inc.

ADS-919 Datasheet PDF - Murata Power Solutions Inc.
Part # ADS-919
Download  ADS-919 Download
File Size   187.75 Kbytes
Page   8 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 14-Bit, 2MHz, Low-Power Sampling A/D Converters

ADS-919 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS-919 Datasheet PDF - Murata Power Solutions Inc.

Part # ADS-919
Download  ADS-919 Click to download

File Size   187.75 Kbytes
Page   8 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 14-Bit, 2MHz, Low-Power Sampling A/D Converters

ADS-919 Datasheet (HTML) - Murata Power Solutions Inc.


ADS-919 Product details

GENERAL DESCRIPTION
The ADS-919 is a high-performance, 14-bit, 2MHz sampling A/D converter. This device accurately samples full-scale input signals up to Nyquist frequencies with no missing codes. The ADS-919 features outstanding dynamic performance including a THD of –74dB.

FEATURES
• 14-bit resolution
• 2MHz sampling rate
• No missing codes
• Functionally complete
• Small 24-pin DDIP or SMT package
• Low power, 1.8 Watts
• Operates from ±15V or ±12V supplies
• Edge-triggered; No pipeline delays
• Unipolar 0 to +10V input range




Similar Part No. - ADS-919

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
ADS-919-C883 DATEL-ADS-919-C883 Datasheet
105Kb / 1P
Sampling A/D Converters
ADS-919883 DATEL-ADS-919883 Datasheet
105Kb / 1P
Sampling A/D Converters
ADS-919G-C883 DATEL-ADS-919G-C883 Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-919G883 DATEL-ADS-919G883 Datasheet
106Kb / 1P
Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-919GC ETC-ADS-919GC Datasheet
190Kb / 8P
14-Bit, 2MHz, Low-Power Sampling A/D Converters
More results


Similar Description - ADS-919

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS929 ETC-ADS929 Datasheet
190Kb / 8P
14-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS-117 ETC-ADS-117 Datasheet
165Kb / 6P
12-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
14-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-942A ETC1-ADS-942A Datasheet
76Kb / 6P
14-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS-932 ETC1-ADS-932 Datasheet
173Kb / 10P
16-Bit, 2MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-117 MURATA-PS-ADS-117 Datasheet
153Kb / 6P
12-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS-926 MURATA-PS-ADS-926 Datasheet
153Kb / 8P
14-Bit, 500kHz, Low-Power Sampling A/D Converters
ADS-929 MURATA-PS-ADS-929 Datasheet
192Kb / 8P
14-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS-932 MURATA-PS-ADS-932 Datasheet
166Kb / 11P
16-Bit, 2MHz Sampling A/D Converters
ADS-942 MURATA-PS-ADS-942 Datasheet
79Kb / 6P
14-Bit, 2MHz Sampling A/D Converters
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com