Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

POE21-120 Datasheet (PDF) - Phihong USA Inc.

POE21-120 Datasheet PDF - Phihong USA Inc.
Part # POE21-120
Download  POE21-120 Download
File Size   183.13 Kbytes
Page   2 Pages
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.
Description 21W DC-DC Power Over Ethernet Splitter

POE21-120 Datasheet (PDF)

Go To PDF Page Download Datasheet
POE21-120 Datasheet PDF - Phihong USA Inc.

Part # POE21-120
Download  POE21-120 Click to download

File Size   183.13 Kbytes
Page   2 Pages
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.
Description 21W DC-DC Power Over Ethernet Splitter

POE21-120 Datasheet (HTML) - Phihong USA Inc.




Similar Part No. - POE21-120

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE21-120F PHIHONG-POE21-120F Datasheet
119Kb / 2P
DC-DC Power over Ethernet Splitter
POE21-120H PHIHONG-POE21-120H Datasheet
105Kb / 2P
DC-DC Power over Ethernet Splitter
POE21-120 PHIHONG-POE21-120_14 Datasheet
104Kb / 2P
21W DC-DC Power over Ethernet Splitter
More results


Similar Description - POE21-120

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE14-033 PHIHONG-POE14-033 Datasheet
523Kb / 3P
14W DC-DC Power Over Ethernet Splitter
POE45-120 PHIHONG-POE45-120 Datasheet
546Kb / 3P
45W DC-DC Power Over Ethernet Splitter
logo
AAEON Technology
PFM-P01A AAEON-PFM-P01A Datasheet
164Kb / 1P
Provides 5V DC Output with Power over Ethernet
logo
Phihong USA Inc.
POE21-120F PHIHONG-POE21-120F Datasheet
119Kb / 2P
DC-DC Power over Ethernet Splitter
POE45-120 PHIHONG-POE45-120_11 Datasheet
105Kb / 2P
45W DC-DC Power over Ethernet Splitter
POE60D-560 PHIHONG-POE60D-560 Datasheet
66Kb / 2P
60W Power over Ethernet Splitter
POE14-137 PHIHONG-POE14-137 Datasheet
134Kb / 2P
DC-DC Power over Ethernet Splitter
POE21-120 PHIHONG-POE21-120_14 Datasheet
104Kb / 2P
21W DC-DC Power over Ethernet Splitter
POE21-120H PHIHONG-POE21-120H Datasheet
105Kb / 2P
DC-DC Power over Ethernet Splitter
POE75D-1UP PHIHONG-POE75D-1UP Datasheet
73Kb / 3P
75W DC Input Power over Ethernet Midspan Ultra Power over Ethernet Single Port Injector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com