Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AZ8222 Datasheet (PDF) - American Zettler, Inc.

AZ8222 Datasheet PDF - American Zettler, Inc.
Part # AZ8222
Download  AZ8222 Download
File Size   96.27 Kbytes
Page   2 Pages
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.
Description SUBMINIATURE ULTRA-SENSITIVE DIP RELAY

AZ8222 Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ8222 Datasheet PDF - American Zettler, Inc.

Part # AZ8222
Download  AZ8222 Click to download

File Size   96.27 Kbytes
Page   2 Pages
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.
Description SUBMINIATURE ULTRA-SENSITIVE DIP RELAY

AZ8222 Datasheet (HTML) - American Zettler, Inc.


AZ8222 Product details

FEATURES

• Low profile for compact board spacing

• DC coils to 48 VDC

• Bifurcated crossbar contacts

• Ultra-sensitivity, 84 mW pickup

• Life expectancy to 10 million operations

• High switching capacity, 60 W, 125 VA

• Fits standard 16 pin IC socket

• Epoxy sealed for automatic wave soldering and cleaning

• Meets FCC Part 68.302 1500 V lightning surge

• Meets FCC Part 68.304 1000 V dielectric

 




Similar Part No. - AZ8222

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ822 ZETTLER-AZ822 Datasheet
52Kb / 2P
SUBMINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ822 AZETTLER-AZ822 Datasheet
81Kb / 2P
SUBMINIATURE DIP RELAY
logo
ZETTLER Electronics
AZ822 ZETTLER-AZ822 Datasheet
50Kb / 2P
SUBMINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ822-2C-12DE AZETTLER-AZ822-2C-12DE Datasheet
81Kb / 2P
SUBMINIATURE DIP RELAY
logo
ZETTLER Electronics
AZ822-2C-12DSE ZETTLER-AZ822-2C-12DSE Datasheet
52Kb / 2P
SUBMINIATURE DIP RELAY
More results


Similar Description - AZ8222

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ920 ETC-AZ920 Datasheet
60Kb / 2P
ULTRA-SENSITIVE SUBMINIATURE RELAY
AZ826 ETC2-AZ826 Datasheet
157Kb / 2P
SUBMINIATURE ULTRA-SENSITIVE DIP RELAY
logo
American Zettler, Inc.
AZ826 AZETTLER-AZ826 Datasheet
87Kb / 2P
SUBMINIATURE ULTRA-SENSITIVE DIP RELAY
AZ920 AZETTLER-AZ920 Datasheet
203Kb / 3P
ULTRA-SENSITIVE SUBMINIATURE RELAY
AZ6951 AZETTLER-AZ6951 Datasheet
146Kb / 2P
SENSITIVE SUBMINIATURE RELAY
logo
ZETTLER Electronics
AZ920 ZETTLER-AZ920 Datasheet
121Kb / 2P
ULTRA-SENSITIVE SUBMINIATURE RELAY
AZ921 ZETTLER-AZ921 Datasheet
509Kb / 2P
ULTRA-SENSITIVE SUBMINIATURE RELAY
AZ6951 ZETTLER-AZ6951 Datasheet
381Kb / 2P
SENSITIVE SUBMINIATURE RELAY
logo
American Zettler, Inc.
AZ921 AZETTLER-AZ921 Datasheet
1Mb / 3P
ULTRA-SENSITIVE SUBMINIATURE RELAY
AZ9201 AZETTLER-AZ9201 Datasheet
498Kb / 2P
ULTRA-SENSITIVE SUBMINIATURE RELAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com