Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

35-JC6DT3 Datasheet (PDF) - MTU Onsite Energy Corporation

35-JC6DT3 Datasheet PDF - MTU Onsite Energy Corporation
Part # 35-JC6DT3
Download  35-JC6DT3 Download
File Size   360.01 Kbytes
Page   4 Pages
Manufacturer  MTU [MTU Onsite Energy Corporation]
Direct Link  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation
Description DIESEL ENGINE-GENERATOR SET

35-JC6DT3 Datasheet (PDF)

Go To PDF Page Download Datasheet
35-JC6DT3 Datasheet PDF - MTU Onsite Energy Corporation

Part # 35-JC6DT3
Download  35-JC6DT3 Click to download

File Size   360.01 Kbytes
Page   4 Pages
Manufacturer  MTU [MTU Onsite Energy Corporation]
Direct Link  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation
Description DIESEL ENGINE-GENERATOR SET

35-JC6DT3 Datasheet (HTML) - MTU Onsite Energy Corporation


35-JC6DT3 Product details

DIESEL ENGINE-GENERATOR SET

35 ekW /60 Hz /Standby
30 ekW /60 Hz /Prime
208 - 600V

FACTS
// EPA Tier 3 Certified
// Engine-Generator Set Tested to ISO 8528-5 for Transient Response
// UL2200, CSA Listing Offered
// Accepts Rated Load in One Step Per NFPA 110, Level 1
// All engine-generator sets are prototype and factory tested
// MTU Onsite Energy is a single source supplier
// Global Product Support
// 2 Year Standard Warranty
// Custom Design for Any Application
// 4024HF285 Diesel Engine
   - 2.4 Liter Displacement
   - Electronic Unit Pump Injection
   - 4-Cycle
// Complete Range of Accessories
// Permanent Magnet Generator (PMG) - Optional
   - Brushless, Rotating Field
   - 300% Short Circuit Capability
   - 2/3 Pitch Windings
// Digital Control Panel(s)
   - UL Recognized, , NFPA 110
   - Complete System Metering
   - LCD Display
// Cooling System
   - Integral Set-Mounted
   - Engine Driven Fan




Similar Part No. - 35-JC6DT3

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
35-0016-05 ZILOG-35-0016-05 Datasheet
1Mb / 30P
Factory-default operating clock frequency at 50 MHz
35-0016-06 ZILOG-35-0016-06 Datasheet
581Kb / 22P
Real-time clock support
logo
Aries Electronics, Inc.
35-002-171PTLHT ARIES-35-002-171PTLHT Datasheet
248Kb / 2P
Flat Pin Staked Flex Jumpers
35-002-172PTLHT ARIES-35-002-172PTLHT Datasheet
248Kb / 2P
Flat Pin Staked Flex Jumpers
35-002-173PTLHT ARIES-35-002-173PTLHT Datasheet
248Kb / 2P
Flat Pin Staked Flex Jumpers
More results


Similar Description - 35-JC6DT3

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
20-JS6DT4 MTU-20-JS6DT4 Datasheet
334Kb / 4P
Diesel Engine-Generator Set
50-JS6DT3 MTU-50-JS6DT3 Datasheet
366Kb / 4P
Diesel Engine-Generator Set
60-JC6DT3 MTU-60-JC6DT3 Datasheet
370Kb / 4P
DIESEL ENGINE-GENERATOR SET
230-JC6DT3 MTU-230-JC6DT3 Datasheet
491Kb / 4P
DIESEL ENGINE-GENERATOR SET
275-XC6DT3 MTU-275-XC6DT3 Datasheet
449Kb / 4P
DIESEL ENGINE-GENERATOR SET
300-XC6DT3 MTU-300-XC6DT3 Datasheet
466Kb / 4P
DIESEL ENGINE-GENERATOR SET
350-XC6DT3 MTU-350-XC6DT3 Datasheet
467Kb / 4P
DIESEL ENGINE-GENERATOR SET
375-JC6DT3 MTU-375-JC6DT3 Datasheet
469Kb / 4P
DIESEL ENGINE-GENERATOR SET
450-XS6DT3 MTU-450-XS6DT3 Datasheet
444Kb / 4P
Diesel Engine-Generator Set
1000-XC6DT2 MTU-1000-XC6DT2 Datasheet
392Kb / 4P
DIESEL ENGINE-GENERATOR SET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com