Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CHDTC314TKPT Datasheet (PDF) - Chenmko Enterprise Co. Ltd.

CHDTC314TKPT Datasheet PDF - Chenmko Enterprise Co. Ltd.
Part # CHDTC314TKPT
Download  CHDTC314TKPT Download
File Size   92.5 Kbytes
Page   3 Pages
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.
Description NPN Digital Silicon Transistor

CHDTC314TKPT Datasheet (PDF)

Go To PDF Page Download Datasheet
CHDTC314TKPT Datasheet PDF - Chenmko Enterprise Co. Ltd.

Part # CHDTC314TKPT
Download  CHDTC314TKPT Click to download

File Size   92.5 Kbytes
Page   3 Pages
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.
Description NPN Digital Silicon Transistor

CHDTC314TKPT Datasheet (HTML) - Chenmko Enterprise Co. Ltd.


CHDTC314TKPT Product details

VOLTAGE 30 Volts CURRENT 600 mAmpere

FEATURE
* Small surface mounting type. (SOT-23)
* High current gain.
* Suitable for high packing density.
* Low colloector-emitter saturation(VCE(sat)=40mV
   at IC/IB=50mA/2.5mA).
* High Collector current (IC(Max.)=600mA).
* Internal isolated NPN transistors in one package.
* Built in single resistor(R1=10kΩ, Typ. )

APPLICATION
* Switching circuit, Inverter, Interface circuit, Driver circuit.




Similar Part No. - CHDTC314TKPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHDTC314TUPT CHENMKO-CHDTC314TUPT Datasheet
93Kb / 3P
NPN Digital Silicon Transistor
More results


Similar Description - CHDTC314TKPT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR133 INFINEON-BCR133 Datasheet
490Kb / 10P
NPN Silicon Digital Transistor
Jun-14-2004
BCR135 INFINEON-BCR135 Datasheet
490Kb / 10P
NPN Silicon Digital Transistor
May-17-2004
BCR503 INFINEON-BCR503 Datasheet
43Kb / 4P
NPN Silicon Digital Transistor
Jun-29-2001
BCR523 INFINEON-BCR523 Datasheet
114Kb / 4P
NPN Silicon Digital Transistor
Dec-13-2001
BCR108TE6327 INFINEON-BCR108TE6327 Datasheet
216Kb / 9P
NPN Silicon Digital Transistor
Aug-29-2003
BCR142 INFINEON-BCR142_07 Datasheet
118Kb / 10P
NPN Silicon Digital Transistor
2007-09-17
BCR503 INFINEON-BCR503_07 Datasheet
138Kb / 6P
NPN Silicon Digital Transistor
2007-07-24
BCR505 INFINEON-BCR505_07 Datasheet
138Kb / 6P
NPN Silicon Digital Transistor
2007-07-31
BCR135E6327 INFINEON-BCR135E6327 Datasheet
873Kb / 11P
NPN Silicon Digital Transistor
2011-08-19
BCR116S-E6327 INFINEON-BCR116S-E6327 Datasheet
873Kb / 11P
NPN Silicon Digital Transistor
2011-08-19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com