Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SQ60120QPA28 Datasheet (PDF) - SynQor Worldwide Headquarters

SQ60120QPA28 Datasheet PDF - SynQor Worldwide Headquarters
Part # SQ60120QPA28
Download  SQ60120QPA28 Download
File Size   963.45 Kbytes
Page   12 Pages
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters
Description Quarter-brick DC-DC Converter

SQ60120QPA28 Datasheet (PDF)

Go To PDF Page Download Datasheet
SQ60120QPA28 Datasheet PDF - SynQor Worldwide Headquarters

Part # SQ60120QPA28
Download  SQ60120QPA28 Click to download

File Size   963.45 Kbytes
Page   12 Pages
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters
Description Quarter-brick DC-DC Converter

SQ60120QPA28 Datasheet (HTML) - SynQor Worldwide Headquarters


SQ60120QPA28 Product details

The BusQor® SQ60120QPA28 bus converter is a next-generation, board-mountable, isolated, fixed switching frequency dc-dc converter that uses synchronous rectification to achieve extremely high conversion efficiency. The power dissipated by the converter is so low that a heatsink is not required, which saves cost, weight, height, and application effort. The SQ BusQor series provides an isolated step down voltage from 48V to a semi-regulated 12V intermediate bus. BusQor converters are ideal for customers who need multiple outputs and wish to build or buy point of load converters to work with a 12V rail. RoHS Compliant (see last page).

Operational Features
• Ultra-high efficiency, 95% at full rated load current
• Delivers up to 28 A (336 W) of output current (power) with minimal derating - no heatsink required
• Input voltage range: 36 – 75 V
• Fixed frequency switching provides predictable EMI performance

Mechanical Features
• Industry standard quarter-brick bus converter pin-out (“S” Feature Set)
• Industry standard size: 1.45" x 2.3" (36.8 x 58.4 mm)
• Total height only 0.483" (12.27 mm), permits better airflow and smaller card pitch
• Total weight: 1.5 oz. (42 grams)

Control Features
• On/Off control referenced to input side Control Features

Protection Features
• Input under-voltage lockout and over-voltage shutdown protects against abnormal input voltages
• Output current limit and short circuit protection
• Output over-voltage protection
• Thermal shutdown

Safety Features
• 2000V, 30 MW input-to-output isolation
• UL/cUL 60950-1 recognized (US & Canada), basic insulation rating
• TUV certified to EN60950-1
• Meets 72/23/EEC and 93/68/EEC directives
• Meets UL94V-0 flammability requirements




Similar Part No. - SQ60120QPA28

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
SQ60120QPB33 SYNQOR-SQ60120QPB33 Datasheet
1Mb / 14P
High efficiency, 94.3% at full rated load current
SQ60120QPB33xyz-G SYNQOR-SQ60120QPB33xyz-G Datasheet
1Mb / 14P
High efficiency, 94.3% at full rated load current
More results


Similar Description - SQ60120QPA28

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ55090QTA27 SYNQOR-BQ55090QTA27 Datasheet
1Mb / 14P
Quarter-brick DC-DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
Quarter-brick DC/DC Converter
DQ65033QKA04 SYNQOR-DQ65033QKA04 Datasheet
547Kb / 15P
Quarter-brick DC/DC Converter
DQ65033QMA06 SYNQOR-DQ65033QMA06 Datasheet
676Kb / 15P
Quarter-brick DC/DC Converter
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
Quarter-brick DC-DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
Quarter-brick DC/DC Converter
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
QUARTER-BRICK DC-DC CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com