Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISL6115A Datasheet (PDF) - Intersil Corporation

ISL6115A Datasheet PDF - Intersil Corporation
Part # ISL6115A
Download  ISL6115A Download
File Size   220.78 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12V Power Distribution Controllers

ISL6115A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6115A Datasheet PDF - Intersil Corporation

Part # ISL6115A
Download  ISL6115A Click to download

File Size   220.78 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12V Power Distribution Controllers

ISL6115A Datasheet (HTML) - Intersil Corporation


ISL6115A Product details

12V Power Distribution Controllers



This fully featured hot swap power controller targets +12V applications. The ISL6115A withits integrated charge pump has a higher (6.5V vs 5V) gate drive than its sister part the ISL6115 making this part an immediate efficiency improvement replacement.



Features

• HOT SWAP Single Power Distribution Control for +12V

• Overcurrent Fault Isolation

• Programmable Current Regulation Level

• Programmable Current Regulation Time to Latch-Off

• Rail-to-Rail Common Mode Input Voltage Range

• Enhanced Internal Charge Pump Drives N-Channel MOSFET gate to 6.5V above IC bias.

• Undervoltage and Overcurrent Latch Indicators

• Adjustable Turn-On Ramp

• Protection During Turn-On

• Two Levels of Overcurrent Detection Provide Fast Response to Varying Fault Conditions

• 1µs Response Time to Dead Short

• Pb-Free (RoHS Compliant)



Applications

• Power Distribution Control

• Hot Plug Components and Circuitry




Similar Part No. - ISL6115A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6115A INTERSIL-ISL6115A Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL6115A RENESAS-ISL6115A Datasheet
503Kb / 10P
12V Power Distribution Controllers
logo
Intersil Corporation
ISL6115A INTERSIL-ISL6115A Datasheet
336Kb / 10P
12V Power Distribution Controllers
April 23, 2010
ISL6115ACBZ INTERSIL-ISL6115ACBZ Datasheet
336Kb / 10P
12V Power Distribution Controllers
April 23, 2010
logo
Renesas Technology Corp
ISL6115ACBZ RENESAS-ISL6115ACBZ Datasheet
503Kb / 10P
12V Power Distribution Controllers
More results


Similar Description - ISL6115A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
Power Distribution Controllers
May 2000
HIP1015 INTERSIL-HIP1015_03 Datasheet
190Kb / 9P
Power Distribution Controllers
March 2003
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
Power Distribution Controllers
February 6, 2007
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
Power Distribution Controllers
April 29, 2010
logo
Altera Corporation
ES1010SI ALTERA-ES1010SI Datasheet
889Kb / 11P
12V Hot-Swap Power Distribution Controllers
logo
Intersil Corporation
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
Power Distribution Controllers
April 29, 2010
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
12V Power Distribution Controllers
April 23, 2010
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
ISL6115 RENESAS-ISL6115 Datasheet
716Kb / 14P
Power Distribution Controllers
ISL6115A RENESAS-ISL6115A Datasheet
503Kb / 10P
12V Power Distribution Controllers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com