Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

V28A12T200BL2 Datasheet (PDF) - Vicor Corporation

V28A12T200BL2 Datasheet PDF - Vicor Corporation
Part # V28A12T200BL2
Download  V28A12T200BL2 Download
File Size   575.8 Kbytes
Page   10 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description 28V Wide Input Maxi Family DC-DC Converter Module

V28A12T200BL2 Datasheet (PDF)

Go To PDF Page Download Datasheet
V28A12T200BL2 Datasheet PDF - Vicor Corporation

Part # V28A12T200BL2
Download  V28A12T200BL2 Click to download

File Size   575.8 Kbytes
Page   10 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description 28V Wide Input Maxi Family DC-DC Converter Module

V28A12T200BL2 Datasheet (HTML) - Vicor Corporation




Similar Part No. - V28A12T200BL2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V28A12T200BL2 VICOR-V28A12T200BL2 Datasheet
345Kb / 12P
DC-DC Converter Module
V28A12T200BL2 VICOR-V28A12T200BL2_16 Datasheet
345Kb / 12P
DC-DC Converter Module
More results


Similar Description - V28A12T200BL2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24A5E200BL2 VICOR-V24A5E200BL2 Datasheet
591Kb / 13P
24V Input Maxi Family DC-DC Converter Module
V28C12T100BL2 VICOR-V28C12T100BL2 Datasheet
491Kb / 11P
28V Wide Input Micro Family DC-DC Converter Module
V48A12T500BL2 VICOR-V48A12T500BL2 Datasheet
590Kb / 11P
48V Input Maxi Family DC-DC Converter Module
V72A24C400BL VICOR-V72A24C400BL Datasheet
586Kb / 11P
72V Input Maxi Family DC-DC Converter Module
V110A24C400BL VICOR-V110A24C400BL Datasheet
590Kb / 13P
110V Input Maxi Family DC-DC Converter Module Features
V150A24C500BL VICOR-V150A24C500BL Datasheet
596Kb / 13P
150V Input Maxi Family DC-DC Converter Module
V300A12T500BL2 VICOR-V300A12T500BL2 Datasheet
592Kb / 13P
300V Input Maxi Family DC-DC Converter Module
V375A12T600BL2 VICOR-V375A12T600BL2 Datasheet
596Kb / 15P
375V Input Maxi Family DC-DC Converter Module
V24A24M400BG VICOR-V24A24M400BG Datasheet
784Kb / 13P
Maxi Family 24 V Input DC-DC Converter Module
V28B28C150BL VICOR-V28B28C150BL Datasheet
769Kb / 11P
Mini Family 28V Wide Input DC-DC Converter Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com