Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1N5220 Datasheet (PDF) - Zowie Technology Corporation

1N5220 Datasheet PDF - Zowie Technology Corporation
Part # 1N5220
Download  1N5220 Download
File Size   124.48 Kbytes
Page   3 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description SILICON PLANAR ZENER DIODES

1N5220 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5220 Datasheet PDF - Zowie Technology Corporation

Part # 1N5220
Download  1N5220 Click to download

File Size   124.48 Kbytes
Page   3 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description SILICON PLANAR ZENER DIODES

1N5220 Datasheet (HTML) - Zowie Technology Corporation


1N5220 Product details

SILICON PLANAR ZENER DIODES
   
Standard Zener voltage tolerance is ± 20%.
Add suffix "A" for ± 10% Tolerance, suffix
"B" for ± 5% tolerance, suffix "C" for ± 2%
tolerance, Other tolerance, non standard
and higher Zener voltages are upon request.
   




Similar Part No. - 1N5220

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Daya Electric Group Co....
1N5220 DAYA-1N5220 Datasheet
112Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Gaomi Xinghe Electronic...
1N5220 GXELECTRONICS-1N5220 Datasheet
584Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
1N5220 JINGHENG-1N5220 Datasheet
78Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
logo
Surge Components
1N5220-1N5267 SURGE-1N5220-1N5267 Datasheet
1Mb / 3P
SILICON PLANAR ZENER DIODES
More results


Similar Description - 1N5220

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Zowie Technology Corpor...
MM3Z5221BH ZOWIE-MM3Z5221BH Datasheet
190Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z2V0 HTSEMI-MM1Z2V0 Datasheet
236Kb / 4P
SILICON PLANAR ZENER DIODES
MM3Z2V2B HTSEMI-MM3Z2V2B Datasheet
675Kb / 4P
Silicon Planar Zener Diodes
ZMM1 HTSEMI-ZMM1 Datasheet
1Mb / 8P
SILICON PLANAR ZENER DIODES
logo
Continental Device Indi...
BZX85C2V7 CDIL-BZX85C2V7 Datasheet
108Kb / 3P
SILICON PLANAR ZENER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com