Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GA1085 Datasheet (PDF) - TriQuint Semiconductor

GA1085 Datasheet PDF - TriQuint Semiconductor
Part # GA1085
Download  GA1085 Download
File Size   204.09 Kbytes
Page   10 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 11-Output Configurable Clock Buffer

GA1085 Datasheet (PDF)

Go To PDF Page Download Datasheet
GA1085 Datasheet PDF - TriQuint Semiconductor

Part # GA1085
Download  GA1085 Click to download

File Size   204.09 Kbytes
Page   10 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 11-Output Configurable Clock Buffer

GA1085 Datasheet (HTML) - TriQuint Semiconductor


GA1085 Product details

TriQuint’s GA1085 is a configurable clock buffer which generates 11 outputs and operates over a wide range of frequencies—from 24 MHz to 105 MHz.

Features
• Wide frequency range: 24 MHz to 105 MHz
• Output configurations:
    Four outputs at fREF
    Four outputs at fREF /2
    Two outputs at fREF /2 with adjustable phase or
    Five outputs at 2x fREF
    Three outputs at fREF
    Two outputs at fREF with adjustable phase
• Selectable Phase Shift: –2t, –t, +t, and +2t (t = 1/fVCO)
• Low output-to-output skew: 150 ps (max) within a group
• Near-zero propagation delay: –350 ps +1000 ps (max)
• TTL-compatible with 30 mA output drive
• 28-pin J-lead surface-mount package




Similar Part No. - GA1085

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
GA1086 TRIQUINT-GA1086 Datasheet
234Kb / 12P
11-Output Clock Buffer
GA1087 TRIQUINT-GA1087 Datasheet
196Kb / 10P
11-Output Configurable Clock Buffer
GA1088 TRIQUINT-GA1088 Datasheet
207Kb / 10P
11-Output Configurable Clock Buffer
More results


Similar Description - GA1085

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
GA1086 TRIQUINT-GA1086 Datasheet
234Kb / 12P
11-Output Clock Buffer
GA1087 TRIQUINT-GA1087 Datasheet
196Kb / 10P
11-Output Configurable Clock Buffer
GA1088 TRIQUINT-GA1088 Datasheet
207Kb / 10P
11-Output Configurable Clock Buffer
TQ1089 TRIQUINT-TQ1089 Datasheet
193Kb / 10P
11-Output Configurable Clock Buffer
TQ1090 TRIQUINT-TQ1090 Datasheet
247Kb / 10P
11-Output Configurable Clock Buffer
logo
Integrated Circuit Syst...
ICS527-03 ICST-ICS527-03 Datasheet
166Kb / 8P
Clock Slicer User Configurable PECL Output Zero Delay Buffer
Revision 122804
logo
Texas Instruments
CDCL6010 TI-CDCL6010_07 Datasheet
584Kb / 27P
1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
logo
ON Semiconductor
NB3M8T3910G ONSEMI-NB3M8T3910G Datasheet
183Kb / 20P
Configurable Differential Clock Fanout Buffer
March, 2014 ??Rev. 1
NB3M8T3910 ONSEMI-NB3M8T3910_16 Datasheet
187Kb / 20P
Configurable Differential Clock Fanout Buffer
March, 2016 ??Rev. 2
NB3M8T3910G ONSEMI-NB3M8T3910G_18 Datasheet
187Kb / 20P
Configurable Differential Clock Fanout Buffer
May, 2018 ??Rev. 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com