Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TGA1071 Datasheet (PDF) - TriQuint Semiconductor

TGA1071 Datasheet PDF - TriQuint Semiconductor
Part # TGA1071
Download  TGA1071 Download
File Size   307.19 Kbytes
Page   5 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 36 - 40 GHz Power Amplifier

TGA1071 Datasheet (PDF)

Go To PDF Page Download Datasheet
TGA1071 Datasheet PDF - TriQuint Semiconductor

Part # TGA1071
Download  TGA1071 Click to download

File Size   307.19 Kbytes
Page   5 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 36 - 40 GHz Power Amplifier

TGA1071 Datasheet (HTML) - TriQuint Semiconductor


TGA1071 Product details

The TriQuint TGA1071-EPU is a two stage PA MMIC design using TriQuint’s proven 0.25 um Power pHEMT process to support a variety of millimeter wave applications including point-to-point digital radio and point-to-multipoint systems.

Key Features and Performance
• 0.25um pHEMT Technology
• 36-40 GHz Frequency Range
• 22 dBm Nominal Pout @ P1dB
• 15 dB Nominal Gain
• 5V, 120 mA Bias
• Chip Dimensions 3.4mm x 2.1mm

Primary Applications
• Point-to-Point Radio
• Point-Multipoint Radio




Similar Part No. - TGA1071

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1073A TRIQUINT-TGA1073A Datasheet
629Kb / 7P
26- 34 GHz Medium Power Amplifier
TGA1073A-SCC TRIQUINT-TGA1073A-SCC Datasheet
629Kb / 7P
26- 34 GHz Medium Power Amplifier
TGA1073A-SCC TRIQUINT-TGA1073A-SCC_15 Datasheet
129Kb / 7P
26 35 GHz Medium Power Amplifier
TGA1073B-SCC TRIQUINT-TGA1073B-SCC Datasheet
437Kb / 7P
27- 32 GHz 0.7 Watt Power Amplifier
TGA1073B-SCC TRIQUINT-TGA1073B-SCC Datasheet
441Kb / 7P
27 32 GHz 0.7 Watt Power Amplifier
More results


Similar Description - TGA1071

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1073C TRIQUINT-TGA1073C Datasheet
852Kb / 6P
36 - 40 GHz Power Amplifier
logo
Hittite Microwave Corpo...
HMC282 HITTITE-HMC282 Datasheet
109Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER 36 - 40 GHz
logo
Teledyne Technologies I...
CMA-40-1808 TELEDYNE-CMA-40-1808 Datasheet
889Kb / 2P
Power Amplifier 18 GHz - 40 GHz
CMA-40-1812 TELEDYNE-CMA-40-1812 Datasheet
892Kb / 2P
Power Amplifier 18 GHz - 40 GHz
CMA-40-2606 TELEDYNE-CMA-40-2606 Datasheet
892Kb / 2P
Power Amplifier 26 GHz - 40 GHz
TMA-40-1808 TELEDYNE-TMA-40-1808 Datasheet
885Kb / 2P
Power Amplifier 18 GHz - 40 GHz
logo
TriQuint Semiconductor
TGA1171-SCC TRIQUINT-TGA1171-SCC Datasheet
889Kb / 9P
36 to 40 GHz 1W Power Amplifier
logo
Hittite Microwave Corpo...
HMC282 HITTITE-HMC282_00 Datasheet
153Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 36 - 40 GHz
logo
TriQuint Semiconductor
TGA1073C-SCC TRIQUINT-TGA1073C-SCC_15 Datasheet
321Kb / 6P
36 40 GHz Power Amplifier
TGA1171-SCC TRIQUINT-TGA1171-SCC_15 Datasheet
891Kb / 9P
36 to 40 GHz 1W Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com