Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM78M05XA3 Datasheet (PDF) - Cystech Electonics Corp.

LM78M05XA3 Datasheet PDF - Cystech Electonics Corp.
Part # LM78M05XA3
Download  LM78M05XA3 Download
File Size   169.82 Kbytes
Page   4 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description Three Terminal Medium Current Positive Voltage Regulators

LM78M05XA3 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM78M05XA3 Datasheet PDF - Cystech Electonics Corp.

Part # LM78M05XA3
Download  LM78M05XA3 Click to download

File Size   169.82 Kbytes
Page   4 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description Three Terminal Medium Current Positive Voltage Regulators

LM78M05XA3 Datasheet (HTML) - Cystech Electonics Corp.


LM78M05XA3 Product details

Description
These regulators employ internal current-limiting and thermal-shutdown, making them essentially indestructible. They can deliver up to 500mA output current, if the case temperature can be kept at Tc=25°C. They are intended as fixed voltage regulators in a wide range of applications including local (on-card) regulation for elimination of noise and distribution problems associated with single-point regulation. In addition, they can be used with power pass elements to make high-current voltage regulators. The LM78M05XA3 used as a Zener diode/resistor combination replacement, offers an effective output impedance improvement of typically two orders of magnitude, along with lower quiescent current and lower noise.

Absolute Maximum Ratings (Ta=25°C)
• Input Voltage………………………………………………………………………………………………. 30 V
• Total Power Dissipation……………………………………………………………………. Internally limited
• Operating Temperature Range……………………………………………………………. 0 °C to +125 °C
• Maximum Junction Temperature………………………………………………………………………125 °C
• Storage Temperature Range………………………………………………………………-55 °C to +150 °C
• Lead Temperature (Soldering 10S)……………………………….. ……………………………...260 °C




Similar Part No. - LM78M05XA3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM78M05 FAIRCHILD-LM78M05 Datasheet
88Kb / 14P
3-Terminal 0.5A Positive Voltage Regulator
logo
Guangdong Kexin Industr...
LM78M05 KEXIN-LM78M05 Datasheet
54Kb / 2P
Three-Terminal Positive Voltage Regulator
logo
First Components Intern...
LM78M05 FCI-LM78M05 Datasheet
529Kb / 7P
LM78M00Series-Terminal Low Current Positive Voltage Regulators
logo
Fairchild Semiconductor
LM78M05 FAIRCHILD-LM78M05 Datasheet
297Kb / 9P
3-Terminal 0.5 A Positive Voltage Regulator
logo
Texas Instruments
LM78M05 TI1-LM78M05 Datasheet
1Mb / 22P
3-Terminal 500-mA Positive Voltage Regulators
More results


Similar Description - LM78M05XA3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A Datasheet
101Kb / 16P
Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
logo
Integral Corp.
IL78L INTEGRAL-IL78L Datasheet
133Kb / 5P
THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
PL78M05XA3 CYSTEKEC-PL78M05XA3 Datasheet
154Kb / 4P
Three Terminal Medium Current Positive Voltage Regulators
PL78M05XJ3 CYSTEKEC-PL78M05XJ3 Datasheet
152Kb / 4P
Three Terminal Medium Current Positive Voltage Regulators
PL78M05XT3 CYSTEKEC-PL78M05XT3 Datasheet
155Kb / 4P
Three Terminal Medium Current Positive Voltage Regulators
LM78M05J3 CYSTEKEC-LM78M05J3 Datasheet
466Kb / 12P
Three Terminal Medium Current Positive Voltage Regulators
LM78M05L3 CYSTEKEC-LM78M05L3 Datasheet
255Kb / 6P
Three Terminal Medium Current Positive Voltage Regulators
LM78MXXJ3 CYSTEKEC-LM78MXXJ3 Datasheet
466Kb / 12P
Three Terminal Medium Current Positive Voltage Regulators
logo
Sirectifier Semiconduct...
BL78LXX SIRECTIFIER-BL78LXX Datasheet
224Kb / 8P
Three-Terminal Low Current Positive Voltage Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com