Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CGB8001-SC Datasheet (PDF) - Mimix Broadband

CGB8001-SC Datasheet PDF - Mimix Broadband
Part # CGB8001-SC_1
Download  CGB8001-SC Download
File Size   247.73 Kbytes
Page   9 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description DC-2.8 GHz InGaP HBT 0.5W Medium Power Amplifier

CGB8001-SC Datasheet (PDF)

Go To PDF Page Download Datasheet
CGB8001-SC Datasheet PDF - Mimix Broadband

Part # CGB8001-SC_1
Download  CGB8001-SC Click to download

File Size   247.73 Kbytes
Page   9 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description DC-2.8 GHz InGaP HBT 0.5W Medium Power Amplifier

CGB8001-SC Datasheet (HTML) - Mimix Broadband




Similar Part No. - CGB8001-SC_1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB8001-SC-0G00 MIMIX-CGB8001-SC-0G00 Datasheet
230Kb / 8P
DC-2.7 GHz InGaP HBT Matched Gain Block Amplifier
CGB8001-SC-0G0T MIMIX-CGB8001-SC-0G0T Datasheet
230Kb / 8P
DC-2.7 GHz InGaP HBT Matched Gain Block Amplifier
More results


Similar Description - CGB8001-SC_1

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC414MS8G HITTITE-HMC414MS8G Datasheet
364Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 2.2 - 2.8 GHz
logo
Microsemi Corporation
LX5514 MICROSEMI-LX5514 Datasheet
92Kb / 2P
InGaP HBT 2.3 - 2.5 GHz Power Amplifier
LX5535 MICROSEMI-LX5535 Datasheet
74Kb / 2P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier
logo
Hittite Microwave Corpo...
HMC414MS8G HITTITE-HMC414MS8G_01 Datasheet
322Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 2.2 - 2.8 GHz
HMC789ST89E HITTITE-HMC789ST89E Datasheet
427Kb / 16P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz
logo
Mimix Broadband
CGB8002-SC MIMIX-CGB8002-SC Datasheet
290Kb / 12P
DC-2.8 GHz InGaP HBT 3.3V, Matched Gain Block Amplifier
logo
Microsemi Corporation
LX5510B MICROSEMI-LX5510B Datasheet
232Kb / 8P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5512B MICROSEMI-LX5512B_05 Datasheet
553Kb / 8P
InGaP HBT 2.4 ??2.5 GHz Power Amplifier
logo
Hittite Microwave Corpo...
HMC414MS8G HITTITE-HMC414MS8G_09 Datasheet
246Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 2.2 - 2.8 GHz
HMC789ST89E HITTITE-HMC789ST89E_10 Datasheet
1Mb / 16P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com