Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BD8166EFV Datasheet (PDF) - Rohm

BD8166EFV Datasheet PDF - Rohm
Part # BD8166EFV
Download  BD8166EFV Download
File Size   447.33 Kbytes
Page   18 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 12V Input Multi-channel System Power Supply IC

BD8166EFV Datasheet (PDF)

Go To PDF Page Download Datasheet
BD8166EFV Datasheet PDF - Rohm

Part # BD8166EFV
Download  BD8166EFV Click to download

File Size   447.33 Kbytes
Page   18 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 12V Input Multi-channel System Power Supply IC

BD8166EFV Datasheet (HTML) - Rohm


BD8166EFV Product details

Description
The BD8166EFV is a system power supply for the TFT-LCD panels used for liquid crystal TVs.
Incorporates two high-power FETs with low on resistance for large currents that employ high-power packages, thus driving large current loads while suppressing the generation of heat. A charge pump controller is incorporated as well, thus greatly reducing the number of application components.

Features
1) Step-up and step-down DC/DC converter
2) Incorporates 2-A N-channel FET.
3) Incorporates positive/negative charge pumps.
4) Incorporates a gate shading function.
5) Input voltage limit: 6 V to 18 V
6) Feedback voltage: 1.25 V ± 1.6%
7) Switching frequency: 500 kHz
8) Protection circuit: Undervoltage lockout protection circuit
    Thermal shutdown circuit
    Overcurrent protection circuit
    Short protection circuit of timer latch type
9) HTSSOP-B40 Package

Applications
    Power supply for the TFT-LCD panels used for LCD TVs




Similar Part No. - BD8166EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8166EFV-E2 ROHM-BD8166EFV-E2 Datasheet
966Kb / 21P
12V Input Multi-channel System Power Supply IC
More results


Similar Description - BD8166EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8153EFV ROHM-BD8153EFV Datasheet
445Kb / 18P
5V Input Multi-channel System Power Supply IC
BD8179MUV ROHM-BD8179MUV Datasheet
409Kb / 13P
5V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV Datasheet
422Kb / 19P
12V Input Multi-channel System Power Supply IC
BD9862MUV ROHM-BD9862MUV Datasheet
542Kb / 17P
5V Input Multi-channel System Power Supply IC
BD8163EFV ROHM-BD8163EFV Datasheet
562Kb / 22P
5V Input Multi-channel System Power Supply ICs
logo
ON Semiconductor
LV5682P ONSEMI-LV5682P Datasheet
203Kb / 15P
Multi-Power Supply System IC
July, 2013
logo
Rohm
BD8162AEKV ROHM-BD8162AEKV Datasheet
2Mb / 30P
Multi-channel System Power Supply IC Gamma Buffer
BD8160AEFV ROHM-BD8160AEFV_15 Datasheet
966Kb / 21P
12V Input Multi-channel System Power Supply IC
BM81028AMWV ROHM-BM81028AMWV Datasheet
1Mb / 48P
Multi-Channel System Power Supply IC
BM81110MUW ROHM-BM81110MUW Datasheet
3Mb / 50P
12V Input Multi-Channel System Power Supply IC
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com