Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BD63536FJ Datasheet (PDF) - Rohm

BD63536FJ Datasheet PDF - Rohm
Part # BD63536FJ
Download  BD63536FJ Download
File Size   420.74 Kbytes
Page   17 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Step-down,High-frequency

BD63536FJ Datasheet (PDF)

Go To PDF Page Download Datasheet
BD63536FJ Datasheet PDF - Rohm

Part # BD63536FJ
Download  BD63536FJ Click to download

File Size   420.74 Kbytes
Page   17 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Step-down,High-frequency

BD63536FJ Datasheet (HTML) - Rohm


BD63536FJ Product details

Large Current External FET Controller Type Switching Regulators



●Description

The BD63536FJ is a gate direct drive switching regulator operational at a power supply voltage from 3V. This regulator uses a compact package SOP-J8 and operates as a switching regulator for the voltage control type of step-down DC/DC converter. The regulator features reliable design with 1% reference voltage accuracy, built-in current limit function (4%), and a variety of built-in protection circuits.





●Features

 1)  Gate direct drive available (External Pch FET, Vcc-5.4V)

 2)  Built-in current limit function (150mV4%)

 3) Built-in gate-off function

 4)  Error amplifier reference voltage (1.25V1%)

 5)  Built-in soft start

 6) 2.5V regulator output

 7)  External oscillation frequency variable

 8)  Built-in thermal shutdown circuit



●Applications

Laser beam printers, MFPs, PPCs, etc.




Similar Part No. - BD63536FJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63536FJ-E2 ROHM-BD63536FJ-E2 Datasheet
1Mb / 21P
Input 1ch Buck Controller
BD63536FJ ROHM-BD63536FJ_14 Datasheet
1Mb / 21P
Input 1ch Buck Controller
More results


Similar Description - BD63536FJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2830 NSC-LM2830 Datasheet
860Kb / 24P
High Frequency 1.0A Load - Step-Down DC-DC Regulator
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM2832 NSC-LM2832 Datasheet
893Kb / 27P
High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
Advanced Analogic Techn...
AAT2789 ANALOGICTECH-AAT2789 Datasheet
799Kb / 22P
Low Noise, High Frequency Dual Step-Down Converter
logo
Texas Instruments
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM2832 TI1-LM2832_14 Datasheet
1Mb / 33P
High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
Skyworks Solutions Inc.
SKY87006 SKYWORKS-SKY87006 Datasheet
190Kb / 3P
High-Frequency Step-Down Converter with MIPI
logo
Texas Instruments
LM2832 TI1-LM2832 Datasheet
1Mb / 34P
High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
Linear Technology
LTC7800 LINER-LTC7800 Datasheet
1Mb / 32P
Low IQ, 60V, High Frequency Synchronous Step-Down Controller
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com