Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TW0161A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TW0161A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TW0161A
Download  TW0161A Download
File Size   145.0 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SMD Clock Oscillator 28.800 MHz

TW0161A Datasheet (PDF)

Go To PDF Page Download Datasheet
TW0161A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TW0161A
Download  TW0161A Click to download

File Size   145.0 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SMD Clock Oscillator 28.800 MHz

TW0161A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TW0161A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0160A TAI-SAW-TW0160A Datasheet
147Kb / 5P
SMD Clock Oscillator 13.0 MHz
TW0165A TAI-SAW-TW0165A Datasheet
138Kb / 4P
SMD Clock Oscillator 12.800 MHz
TW0167A TAI-SAW-TW0167A Datasheet
188Kb / 4P
SMD Clock Oscillator 40.0 MHz
TW0168A TAI-SAW-TW0168A Datasheet
190Kb / 5P
SMD 5.0x3.2 72.0MHz Clock Oscillator
TW0169A TAI-SAW-TW0169A Datasheet
158Kb / 5P
SMD Clock Oscillator 22.1184MHz
More results


Similar Description - TW0161A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0128A TAI-SAW-TW0128A Datasheet
208Kb / 5P
SMD Clock Oscillator 4.096 MHz
TW0136A TAI-SAW-TW0136A Datasheet
209Kb / 5P
SMD Clock Oscillator 20.000 MHz
TW0138A TAI-SAW-TW0138A Datasheet
156Kb / 5P
SMD Clock Oscillator 32 MHz
TW0150A TAI-SAW-TW0150A Datasheet
145Kb / 5P
SMD Clock Oscillator 48.000 MHz
TW0158A TAI-SAW-TW0158A Datasheet
191Kb / 5P
SMD Clock Oscillator 40.0 MHz
TW0160A TAI-SAW-TW0160A Datasheet
147Kb / 5P
SMD Clock Oscillator 13.0 MHz
TW0165A TAI-SAW-TW0165A Datasheet
138Kb / 4P
SMD Clock Oscillator 12.800 MHz
TW0167A TAI-SAW-TW0167A Datasheet
188Kb / 4P
SMD Clock Oscillator 40.0 MHz
TW0194A TAI-SAW-TW0194A Datasheet
167Kb / 4P
SMD Clock Oscillator 26.0 MHz
TW0198A TAI-SAW-TW0198A Datasheet
154Kb / 4P
SMD Clock Oscillator 32.000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com