Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

28887 Datasheet (PDF) - SCHOTT CORPORATION

28887 Datasheet PDF - SCHOTT CORPORATION
Part # 28887
Download  28887 Download
File Size   13.38 Kbytes
Page   1 Pages
Manufacturer  SCHOTT [SCHOTT CORPORATION]
Direct Link  http://www.schottcorp.com/default.asp
Logo SCHOTT - SCHOTT CORPORATION
Description TRANSFORMER, HDSL 2 : 1, 0.5 mH

28887 Datasheet (PDF)

Go To PDF Page Download Datasheet
28887 Datasheet PDF - SCHOTT CORPORATION

Part # 28887
Download  28887 Click to download

File Size   13.38 Kbytes
Page   1 Pages
Manufacturer  SCHOTT [SCHOTT CORPORATION]
Direct Link  http://www.schottcorp.com/default.asp
Logo SCHOTT - SCHOTT CORPORATION
Description TRANSFORMER, HDSL 2 : 1, 0.5 mH

28887 Datasheet (HTML) - SCHOTT CORPORATION




Similar Part No. - 28887

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2888712 PHOENIX-2888712 Datasheet
168Kb / 9P
Safety relay as contact extension for emergency stop relays, safety door switches, and light grids
More results


Similar Description - 28887

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-977 RHOMBUS-IND-T-977 Datasheet
39Kb / 1P
HDSL TRANSFORMER
1/22/96
T-982 RHOMBUS-IND-T-982 Datasheet
46Kb / 1P
HDSL TRANSFORMER
6/02/00
logo
PCA ELECTRONICS INC.
EPB5050 PCA-EPB5050 Datasheet
19Kb / 1P
HDSL Transformer
EPD2000G PCA-EPD2000G Datasheet
23Kb / 1P
HDSL 2 Line Transformer
logo
XFMRS Inc.
XF1313-16HD XFMRS-XF1313-16HD Datasheet
44Kb / 1P
HDSL TRANSFORMER
logo
SCHOTT CORPORATION
29872 SCHOTT-29872 Datasheet
13Kb / 1P
TRANSFORMER HDSL 160 kB, 8 mH 1 : 1
31438 SCHOTT-31438 Datasheet
17Kb / 1P
TRANSFORMER, HDSL, 3 mH
logo
XFMRS Inc.
X2316HM1 XFMRS-X2316HM1_15 Datasheet
60Kb / 1P
HDSL TRANSFORMER
XF1313-24HDS XFMRS-XF1313-24HDS_15 Datasheet
74Kb / 1P
HDSL TRANSFORMER
XF2311-5HD XFMRS-XF2311-5HD_15 Datasheet
57Kb / 1P
HDSL TRANSFORMER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com