Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

422U Datasheet (PDF) - Schurter Inc.

422U Datasheet PDF - Schurter Inc.
Part # 422U
Download  422U Download
File Size   336.31 Kbytes
Page   2 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Power Supply Cord with Shako Power (Mains) Plug, Angled

422U Datasheet (PDF)

Go To PDF Page Download Datasheet
422U Datasheet PDF - Schurter Inc.

Part # 422U
Download  422U Click to download

File Size   336.31 Kbytes
Page   2 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Power Supply Cord with Shako Power (Mains) Plug, Angled

422U Datasheet (HTML) - Schurter Inc.




Similar Part No. - 422U

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
422U SCHURTER-422U Datasheet
390Kb / 2P
Power Supply Cord with Shako Power (Mains) Plug, Angled
422U SCHURTER-422U_V01 Datasheet
390Kb / 2P
Power Supply Cord with Shako Power (Mains) Plug, Angled
More results


Similar Description - 422U

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1140 SCHURTER-1140 Datasheet
242Kb / 2P
Power Supply Cord with NEMA 5-15 Power (Mains) Plug 3-pole, Angled
1363 SCHURTER-1363 Datasheet
247Kb / 2P
UK Power (Mains) Plug, Cord Connector (Rewireable), 3 pole, Angled
2225 SCHURTER-2225 Datasheet
235Kb / 2P
Power Supply Cord with CH Power (Mains) Plug 2-pole, Straight
2343 SCHURTER-2343 Datasheet
260Kb / 2P
Power Supply Cord with UK Power (Mains) Plug 3-pole, Angled
4121 SCHURTER-4121 Datasheet
273Kb / 2P
Power Supply Cord with Euro- Power (Mains) Plug, Straight
4250 SCHURTER-4250 Datasheet
266Kb / 2P
Power Supply Cord with DK Power (Mains) Plug 2-pole, Angled
4310 SCHURTER-4310 Datasheet
240Kb / 2P
Power Supply Cord with IT Power (Mains) Plug 3-pole, Straight
4321 SCHURTER-4321 Datasheet
271Kb / 2P
Power Supply Cord with CH Power (Mains) Plug 3-pole, Straight
4370 SCHURTER-4370 Datasheet
297Kb / 2P
Power Supply Cord with Shako Power (Mains) Plug, Straight
422U SCHURTER-422U_V01 Datasheet
390Kb / 2P
Power Supply Cord with Shako Power (Mains) Plug, Angled
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com