Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FZT1053A Datasheet (PDF) - Zetex Semiconductors

FZT1053A Datasheet PDF - Zetex Semiconductors
Part # FZT1053A
Download  FZT1053A Download
File Size   63.71 Kbytes
Page   4 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR

FZT1053A Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT1053A Datasheet PDF - Zetex Semiconductors

Part # FZT1053A
Download  FZT1053A Click to download

File Size   63.71 Kbytes
Page   4 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR

FZT1053A Datasheet (HTML) - Zetex Semiconductors


FZT1053A Product details

SOT223 NPN SILICON PLANAR

MEDIUM POWER HIGH GAIN TRANSISTOR



FEATURES

*VCEO = 75V

* 4.5 Amp Continuous Current

* 10 Amp Pulse Current

* Low Saturation Voltage

*High Gain

* Extremely Low Equivalent On-resistance; RCE(sat)= 78mΩat 4.5A




Similar Part No. - FZT1053A

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FZT1053A KEXIN-FZT1053A Datasheet
38Kb / 2P
NPN Silicon Planar Medium Power High Gain Transistor
logo
Diodes Incorporated
FZT1053A DIODES-FZT1053A Datasheet
73Kb / 4P
SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
MARCH 2001
FZT1053ATA DIODES-FZT1053ATA Datasheet
209Kb / 5P
75V NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT-223
Rev 3
logo
Guangdong Kexin Industr...
FZT1053A KEXIN-FZT1053A_15 Datasheet
1Mb / 3P
NPN Transistors
logo
Diodes Incorporated
FZT1053A DIODES-FZT1053A_15 Datasheet
765Kb / 7P
75V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Rev 4
More results


Similar Description - FZT1053A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT1048A ZETEX-FZT1048A Datasheet
132Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX1055A ZETEX-ZTX1055A Datasheet
123Kb / 4P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FXT690B ZETEX-FXT690B Datasheet
50Kb / 2P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
GTM CORPORATION
GL1501A GTM-GL1501A Datasheet
477Kb / 2P
NPN SILICON PLANAR MEDIUM POWER high gain TRANSISTOR
logo
Guangdong Kexin Industr...
FZT688B KEXIN-FZT688B Datasheet
37Kb / 2P
NPN Silicon Planar Medium Power High Gain Transistor
logo
Diodes Incorporated
ZTX618 DIODES-ZTX618 Datasheet
159Kb / 4P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
JULY 1995
ZTX696B DIODES-ZTX696B Datasheet
64Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
NOVEMBER 1995
ZTX690BSTZ DIODES-ZTX690BSTZ Datasheet
74Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
MAY 1994
logo
List of Unclassifed Man...
ZTX618STZ ETC2-ZTX618STZ Datasheet
159Kb / 4P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Diodes Incorporated
ZTX1048A DIODES-ZTX1048A_15 Datasheet
118Kb / 4P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FEBRUARY 1995
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com