Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KYL-813 Datasheet (PDF) - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

KYL-813 Datasheet PDF - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.
Part # KYL-813
Download  KYL-813 Download
File Size   226.66 Kbytes
Page   5 Pages
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.
Description KYL-813 wireless switch input and output module user manual

KYL-813 Datasheet (PDF)

Go To PDF Page Download Datasheet
KYL-813 Datasheet PDF - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part # KYL-813
Download  KYL-813 Click to download

File Size   226.66 Kbytes
Page   5 Pages
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.
Description KYL-813 wireless switch input and output module user manual

KYL-813 Datasheet (HTML) - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.


KYL-813 Product details

Function
2-channel ON-OFF DI and DO transmits data timely. The 2-channel switching condition for the transmitting equipment can be transferred timely to the receiver equipment. That is once the transmitting equipment is switching on; the receiver equipment will be switching on. When the transmitting equipment is switching off, the receiver equipment will be off.

Feature:
1、 2-channel coupler isolated inputs, high reliability and stability.
2、 2-channel relay dry contact output, contact current is 30V 1A.
3、 Collocated with wireless data transmission module whose transmitting distance is 2-3km.
    Working frequency 433MHz (400-470MHz);
    RF power: 500mW;
    Receiving sensitivity: -123dBm
4、 Receiving current: 30mA; transmitting current: 300mA
5、 Power supply: DC 12V
6、 Features of the output contact is as following: (the parameters of the relay inside):




Similar Part No. - KYL-813

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-813 KYL-KYL-813 Datasheet
101Kb / 4P
wireless switches input and output module
KYL-813 KYL-KYL-813_1 Datasheet
101Kb / 4P
wireless switches input and output module
More results


Similar Description - KYL-813

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-600L KYL-KYL-600L Datasheet
199Kb / 8P
KYL-600L Wireless audio and Data Radio Module User Manual
KYL-812 KYL-KYL-812 Datasheet
303Kb / 6P
KYL-812 wireless ON-OFF input and output module user manual
KYL-600L KYL-KYL-600L_1 Datasheet
209Kb / 5P
Wireless audio Module User Manual
KYL-812 KYL-KYL-812_1 Datasheet
70Kb / 5P
wireless ON-OFF input and output module
KYL-813 KYL-KYL-813_1 Datasheet
101Kb / 4P
wireless switches input and output module
logo
Shenzhen TOPWAY Technol...
HMT070ATA-1C TOPWAY-HMT070ATA-1C Datasheet
1,007Kb / 10P
LCD Module User Manual
LMK050DICFWD-AKA TOPWAY-LMK050DICFWD-AKA Datasheet
704Kb / 10P
LCD Module User Manual
LMT018DNBFWD-NCN-1 TOPWAY-LMT018DNBFWD-NCN-1 Datasheet
1Mb / 13P
LCD Module User Manual
LMT024ENHFWL TOPWAY-LMT024ENHFWL Datasheet
1Mb / 17P
LCD Module User Manual
LMT028DNHFWL-1 TOPWAY-LMT028DNHFWL-1 Datasheet
1Mb / 15P
LCD Module User Manual
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com