Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

76650-0175 Datasheet (PDF) - MolexKits

76650-0175 Datasheet PDF - MolexKits
Part # 76650-0175
Download  76650-0175 Download
File Size   39.77 Kbytes
Page   3 Pages
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits
Description Vertical and Right Angle Header, IDT Receptacle

76650-0175 Datasheet (PDF)

Go To PDF Page Download Datasheet
76650-0175 Datasheet PDF - MolexKits

Part # 76650-0175
Download  76650-0175 Click to download

File Size   39.77 Kbytes
Page   3 Pages
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits
Description Vertical and Right Angle Header, IDT Receptacle

76650-0175 Datasheet (HTML) - MolexKits


76650-0175 Product details

Product Highlights
Molexs Milli-Grid family of high density connectors is based on a 2.00 by 2.00mm (.079 by .079") grid pattern. Compared to traditional 2.54mm (.100") pitch connectors, Milli-Grid connectors offer up to 40% savings in PCB real estate. IDT (Insulation Displacement Technology) makes for cable-to-board connections.

Features and Benefits
• Pre-loaded upper housing offers precise cover-to-base alignment, ensuring a reliable termination
• Locking ramps provide strong retention force to header
• Fully shrouded to protect pins during mating/unmating
• Center polarization slot, prevents mismating
• Locking windows, secures firm locking to receptacle
• Front latches for mechanical locking
• Early-entry single-beam contact provides long wiping action during mating

Applications
• Office Automation: Printers, Fax machines, Scanners, Copiers
• Telecom: Servers, Hubs, Switches, Routers
• Other applications: Vending machines, Gaming machines, Fitness equipment
• Computer / Peripherals: Disk Drives, Storage, Servers, Notebook PC, Modems, Motherboards, Monitors
• Measuring / Analyzing Equipment: Security systems / alarms, Medical monitoring, Lab equipment
• Entertainment: Set-top boxes, Car stereos, Video / DVD products
• Brown Goods




Similar Part No. - 76650-0175

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0170 MOLEXKITS-76650-0170 Datasheet
39Kb / 3P
High Vibration Signal Vertical and Right Angle Header and Receptacle.
76650-0171 MOLEXKITS-76650-0171 Datasheet
37Kb / 2P
PCB Mount BNC Vertical and Right Angle Receptacle
76650-0172 MOLEXKITS-76650-0172 Datasheet
38Kb / 2P
Mezzanine PCB Connectors
76650-0173 MOLEXKITS-76650-0173 Datasheet
38Kb / 2P
BMI PCB Vertical Plug and Receptacle 2.79mm Tail length
76650-0174 MOLEXKITS-76650-0174 Datasheet
38Kb / 2P
In-Line, PCB and Panel Mount Receptacle, Plug, Receptacle and Dust cover
More results


Similar Description - 76650-0175

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0003 MOLEXKITS-76650-0003 Datasheet
39Kb / 3P
SMT Vertical and Right Angle Header and Receptacle
76650-0013 MOLEXKITS-76650-0013 Datasheet
39Kb / 3P
Vertical and Right Angle Header Plug and Receptacle
76650-0122 MOLEXKITS-76650-0122 Datasheet
42Kb / 2P
Right Angle Header and IDT Receptacle
76650-0123 MOLEXKITS-76650-0123 Datasheet
42Kb / 2P
SMT Vertical Header and IDT Receptacle
76650-0124 MOLEXKITS-76650-0124 Datasheet
43Kb / 2P
SMT Vertical and Right Angle Header, Receptacle and IDT Board-In Receptacle Header
76650-0137 MOLEXKITS-76650-0137 Datasheet
43Kb / 2P
IDT SMT Vertical Header and Receptacle
76650-0139 MOLEXKITS-76650-0139 Datasheet
43Kb / 2P
IDT SMT Right Angle Header and Receptacle
76650-0140 MOLEXKITS-76650-0140 Datasheet
44Kb / 2P
IDT Panel Mount Adaptor, Through Hole Vertical Header, SMT Vertical and Right Angle Header and Receptacle
76650-0167 MOLEXKITS-76650-0167 Datasheet
38Kb / 2P
Vertical and Right Angle Header and Receptacle.
76650-0188 MOLEXKITS-76650-0188 Datasheet
40Kb / 3P
Vertical Header and IDT Receptacle
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com