| Manufacturer | Part # | Datasheet | Description |
 MolexKits |
76650-0221
|
41Kb / 2P |
M8 Field-Attachable 3 Pole Male and Female Panel Mount Receptacle,Straight Connector and Receptacle and 5m Single-Ended Cable
|
|
76650-0222
|
41Kb / 2P |
M8 Field-Attachable 3 Pole Male Panel Mount Receptacle, Straight and Right Angle Female Connector and Receptacle. and 5m Single-Ended Cable
|
 Molex Electronics Ltd. |
1300700024
|
30Kb / 1P |
Quick-Change Male Field Attachable, 4 Pole, Straight
|
 Alpha Wire |
201
|
194Kb / 2P |
M12-A Male 4 Pin Field Attachable
|
|
206
|
211Kb / 2P |
M12-A Male 4 Pin Field Attachable
|
 Molex Electronics Ltd. |
1200710032
|
45Kb / 1P |
Micro-Change (M12) Field Attachable Connector, 4 Poles, Straight, Male
|
 Schneider Electric |
XZCR1511041C5
|
123Kb / 4P |
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PUR 5m
Dec 7, 2020 |
|
XZCRA151141C5
|
108Kb / 4P |
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PVC 5m
Dec 7, 2020 |
|
XZCRB151141C5
|
88Kb / 3P |
jumper cable -male straight M12 4 pin-female straight M12 4 pin-PUR shielded 5m
Dec 7, 2020 |
|
XZCRV1511041C5
|
112Kb / 4P |
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PVC 5m
Dec 7, 2020 |