Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BU8872 Datasheet (PDF) - Rohm

BU8872 Datasheet PDF - Rohm
Part # BU8872
Download  BU8872 Download
File Size   169.75 Kbytes
Page   10 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description DTMF receiver for telephones

BU8872 Datasheet (PDF)

Go To PDF Page Download Datasheet
BU8872 Datasheet PDF - Rohm

Part # BU8872
Download  BU8872 Click to download

File Size   169.75 Kbytes
Page   10 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description DTMF receiver for telephones

BU8872 Datasheet (HTML) - Rohm


BU8872 Product details

The BU8872 and BU8872FS are DTMF receiver ICs developed for use in telephone answering machines, and convert 16 different types of DTMF signals into 4-bit binary serial data. In addition to a compact 8-pin DIP (BU8872) or 16-pin SSOP (BU8872FS) package, these receivers feature a wide dynamic range, eliminating the need for an external input amplifier. Expertise from a number of companies has been incorporated into these products to enable guard time control through a host microcomputer.

Features
1) Dynamic range of 45dB. (internal AGC)
2) 4-bit binary serial data output.
3) Guard time can be controlled through host microcomputer.
4) Input pins equipped with hysteresis. (ACK pin)
5) 4.19MHz ceramic resonator or crystal resonator can
   be used.
6) 8-pin DIP package. (BU8872)
   16-pin SSOP package. (BU8872FS)

Applications
   Telephone answering machines




Similar Part No. - BU8872

ManufacturerPart #DatasheetDescription
logo
Rohm
BU8872FS-E2 ROHM-BU8872FS-E2 Datasheet
167Kb / 10P
DTMF receiver for telephones BU8872 / BU8872FS
More results


Similar Description - BU8872

ManufacturerPart #DatasheetDescription
logo
Rohm
BU8871F ROHM-BU8871F Datasheet
218Kb / 12P
DTMF receiver for telephones
BU8874 ROHM-BU8874 Datasheet
180Kb / 10P
DTMF receiver for telephones
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
DTMF Receiver?
logo
ELAN Microelectronics C...
HM9270C EMC-HM9270C Datasheet
66Kb / 10P
DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170 HOLTEK-HT9170 Datasheet
124Kb / 12P
DTMF Receiver
December 20, 1999
logo
List of Unclassifed Man...
MS8870 ETC-MS8870 Datasheet
138Kb / 8P
DTMF Receiver
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
DTMF Receiver
September 24, 2002
logo
List of Unclassifed Man...
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
DTMF Receiver
logo
Rohm
BU8872FS-E2 ROHM-BU8872FS-E2 Datasheet
167Kb / 10P
DTMF receiver for telephones BU8872 / BU8872FS
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com