Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

0192050006 Datasheet (PDF) - Molex Electronics Ltd.

0192050006 Datasheet PDF - Molex Electronics Ltd.
Part # 0192050006
Download  0192050006 Download
File Size   102.87 Kbytes
Page   3 Pages
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.
Description VersaKrimp??Parallel Splice for 6 AWG Wire

0192050006 Datasheet (PDF)

Go To PDF Page Download Datasheet
0192050006 Datasheet PDF - Molex Electronics Ltd.

Part # 0192050006
Download  0192050006 Click to download

File Size   102.87 Kbytes
Page   3 Pages
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.
Description VersaKrimp??Parallel Splice for 6 AWG Wire

0192050006 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 0192050006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192050001 MOLEX4-0192050001 Datasheet
100Kb / 2P
VersaKrimp??Parallel Splice for 14-16 AWG Wire
0192050001 MOLEX-0192050001 Datasheet
28Kb / 1P
Splices
10/17/2018
0192050003 MOLEX4-0192050003 Datasheet
100Kb / 2P
VersaKrimp??Parallel Splice for 10-12 AWG Wire
0192050004 MOLEX4-0192050004 Datasheet
102Kb / 3P
VersaKrimp??Parallel Splice for 8 AWG Wire
0192050007 MOLEX4-0192050007 Datasheet
102Kb / 3P
VersaKrimp??Parallel Splice for 4 AWG Wire
More results


Similar Description - 0192050006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192050009 MOLEX4-0192050009 Datasheet
101Kb / 3P
VersaKrimp??Parallel Splice for 1/0 AWG Wire
0192050008 MOLEX4-0192050008 Datasheet
102Kb / 3P
VersaKrimp??Parallel Splice for 2 AWG Wire
0192050010 MOLEX4-0192050010 Datasheet
101Kb / 3P
VersaKrimp??Parallel Splice for 2/0 AWG Wire
0192050007 MOLEX4-0192050007 Datasheet
102Kb / 3P
VersaKrimp??Parallel Splice for 4 AWG Wire
0192050003 MOLEX4-0192050003 Datasheet
100Kb / 2P
VersaKrimp??Parallel Splice for 10-12 AWG Wire
0192050001 MOLEX4-0192050001 Datasheet
100Kb / 2P
VersaKrimp??Parallel Splice for 14-16 AWG Wire
0192150050 MOLEX4-0192150050 Datasheet
104Kb / 2P
VersaKrimp??Parallel Splice for 4/0 AWG Wire
0192150040 MOLEX4-0192150040 Datasheet
72Kb / 3P
VersaKrimp??Butt Splice for 6 AWG Wire
0192070001 MOLEX4-0192070001 Datasheet
100Kb / 2P
VersaKrimp??Parallel Splice for 18-22 AWG Wire
0192050004 MOLEX4-0192050004 Datasheet
102Kb / 3P
VersaKrimp??Parallel Splice for 8 AWG Wire
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com