Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

0192020056 Datasheet (PDF) - Molex Electronics Ltd.

0192020056 Datasheet PDF - Molex Electronics Ltd.
Part # 0192020056
Download  0192020056 Download
File Size   68.67 Kbytes
Page   2 Pages
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.
Description NylaKrimp??Butt Splice for 4 AWG Wire

0192020056 Datasheet (PDF)

Go To PDF Page Download Datasheet
0192020056 Datasheet PDF - Molex Electronics Ltd.

Part # 0192020056
Download  0192020056 Click to download

File Size   68.67 Kbytes
Page   2 Pages
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.
Description NylaKrimp??Butt Splice for 4 AWG Wire

0192020056 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 0192020056

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192020051 MOLEX4-0192020051 Datasheet
109Kb / 3P
BUTT SPLICE NYLAKRIMP TAPED (CS-N-346T)
0192020054 MOLEX4-0192020054 Datasheet
61Kb / 2P
NylaKrimp??Butt Splice for 8 AWG Wire
0192020054 MOLEX-0192020054 Datasheet
30Kb / 2P
Splices
04/01/2019
0192020055 MOLEX4-0192020055 Datasheet
68Kb / 2P
NylaKrimp??Butt Splice for 6 AWG Wire
More results


Similar Description - 0192020056

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191540049 MOLEX4-0191540049 Datasheet
83Kb / 2P
InsulKrimp??Butt Splice for 2 AWG Wire
0192020055 MOLEX4-0192020055 Datasheet
68Kb / 2P
NylaKrimp??Butt Splice for 6 AWG Wire
0192150045 MOLEX4-0192150045 Datasheet
72Kb / 3P
VersaKrimp??Butt Splice for 4 AWG Wire
0192020054 MOLEX4-0192020054 Datasheet
61Kb / 2P
NylaKrimp??Butt Splice for 8 AWG Wire
0192020013 MOLEX4-0192020013 Datasheet
105Kb / 3P
Nylakrimp??Butt Splice for 18-22 AWG Wire
0192050013 MOLEX4-0192050013 Datasheet
66Kb / 2P
VersaKrimp??Butt Splice for 4/0 AWG Wire
0192020049 MOLEX4-0192020049 Datasheet
107Kb / 4P
Nylakrimp??Butt Splice for 10-12 AWG Wire
0191540045 MOLEX4-0191540045 Datasheet
80Kb / 2P
InsulKrimp??Butt Splice for 6 AWG Wire
0192020031 MOLEX4-0192020031 Datasheet
106Kb / 3P
Nylakrimp??Butt Splice for 14-16 AWG Wire
0191540048 MOLEX4-0191540048 Datasheet
81Kb / 2P
InsulKrimp??Butt Splice for 4 AWG Wire
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com