Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

0359550810 Datasheet (PDF) - Molex Electronics Ltd.

0359550810 Datasheet PDF - Molex Electronics Ltd.
Part # 0359550810
Download  0359550810 Download
File Size   81.69 Kbytes
Page   2 Pages
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.
Description 6.35mm (.250

0359550810 Datasheet (PDF)

Go To PDF Page Download Datasheet
0359550810 Datasheet PDF - Molex Electronics Ltd.

Part # 0359550810
Download  0359550810 Click to download

File Size   81.69 Kbytes
Page   2 Pages
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.
Description 6.35mm (.250

0359550810 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 0359550810

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0359550150 MOLEX5-0359550150 Datasheet
98Kb / 2P
6.35mm (.250") Tab Wire-to-Wire Plug Housing, 1 Circuit, Locking Window
0359550160 MOLEX5-0359550160 Datasheet
108Kb / 2P
6.35mm (.250") Tab Wire-to-Wire Receptacle Housing, Locking Latch, 1 Circuit
0359550220 MOLEX5-0359550220 Datasheet
77Kb / 2P
6.35mm (.250") Tab Wire-to-Wire Receptacle Housing, Locking Latch, 2 Circuits
0359550410 MOLEX5-0359550410 Datasheet
80Kb / 2P
6.35mm (.250
0359550420 MOLEX5-0359550420 Datasheet
78Kb / 2P
6.35mm (.250") Tab Wire-to-Wire Receptacle Housing, Locking Latch, 4 Circuits
More results


Similar Description - 0359550810

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0010844032 MOLEX1-0010844032 Datasheet
373Kb / 4P
6.35mm (.250) Pitch MLX Power Connector Receptacle
0010844060 MOLEX1-0010844060 Datasheet
374Kb / 4P
6.35mm (.250) Pitch MLX??Power Connector Header
0352780511 MOLEX4-0352780511 Datasheet
77Kb / 2P
6.35mm (.250") Tab Width
0190110035 MOLEX4-0190110035 Datasheet
117Kb / 2P
InsulKrimp??Piggyback Quick Disconnect, Tab 6.35mm (.250
0191640989 MOLEX4-0191640989 Datasheet
85Kb / 2P
Perma-Seal??Piggyback Quick Disconnect, Tab 6.35mm (.250
0351960111 MOLEX4-0351960111 Datasheet
83Kb / 2P
6.35mm (.250") Tab MP-Lock??Housing, Male, 1 Circuit
0359550410 MOLEX5-0359550410 Datasheet
80Kb / 2P
6.35mm (.250
0358190315 MOLEX5-0358190315 Datasheet
134Kb / 2P
6.35mm (.250") Tab Relay Housing, Female, 3 Circuits
0359600100 MOLEX5-0359600100 Datasheet
127Kb / 3P
6.35mm (250") Tab Wire-to-Board Header, 1 Circuit
1301790701 MOLEX11-1301790701 Datasheet
26Kb / 1P
Clevis Pin 6.35mm x 44.45mm (.250 x 1.750)
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com