Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

0359030106 Datasheet (PDF) - Molex Electronics Ltd.

0359030106 Datasheet PDF - Molex Electronics Ltd.
Part # 0359030106
Download  0359030106 Download
File Size   85.99 Kbytes
Page   2 Pages
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.
Description Earth Silicone Rubber Wire Seal for Sealed PT Bulb Socket

0359030106 Datasheet (PDF)

Go To PDF Page Download Datasheet
0359030106 Datasheet PDF - Molex Electronics Ltd.

Part # 0359030106
Download  0359030106 Click to download

File Size   85.99 Kbytes
Page   2 Pages
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.
Description Earth Silicone Rubber Wire Seal for Sealed PT Bulb Socket

0359030106 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 0359030106

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0359030065 MOLEX5-0359030065 Datasheet
64Kb / 2P
3.60mm (.141") Front Seal for Horn Connector, 2 Circuit
0359030075 MOLEX5-0359030075 Datasheet
101Kb / 2P
Silicone Rubber Wire Rear-Seal for Automotive Horn Connector, Use with 35215 Housing
0359030096 MOLEX5-0359030096 Datasheet
87Kb / 2P
Positive Silicone Rubber Wire Seal for Sealed PT Bulb Socket
More results


Similar Description - 0359030106

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0359030075 MOLEX5-0359030075 Datasheet
101Kb / 2P
Silicone Rubber Wire Rear-Seal for Automotive Horn Connector, Use with 35215 Housing
0354388000 MOLEX5-0354388000 Datasheet
143Kb / 3P
Contact Terminal for PT Bulb Socket, 0.5-0.85mm짼; Wire
0354658000 MOLEX5-0354658000 Datasheet
104Kb / 3P
Earth Terminal for PT Bulb Socket, AVSS 0.50~0.85mm짼
0359030096 MOLEX5-0359030096 Datasheet
87Kb / 2P
Positive Silicone Rubber Wire Seal for Sealed PT Bulb Socket
0638131100 MOLEX-0638131100 Datasheet
40Kb / 1P
Extractor Tool for Crimp Terminals for PT Bulb Socket 0.5-0.85mm짼 AWG and 2.00mm Bulb-Socket Earth Terminal
11/02/2021
0638133600 MOLEX-0638133600 Datasheet
29Kb / 1P
Extractor Tool for Crimp Terminals for PT Bulb Socket 0.5-0.85mm짼 AWG and 2.00mm Bulb-Socket Earth Terminal
11/02/2021
63901-1700 MOLEX-63901-1700 Datasheet
285Kb / 5P
Fine Adjust Applicator for Sealed PT-Bulb Socket Earth Terminal
11-12-08
ATS-639012100 MOLEX-ATS-639012100 Datasheet
302Kb / 5P
Fine Adjust Applicator for Sealed PT-Bulb Socket Positive Terminal
05-03-13
358422301 MOLEX-358422301 Datasheet
255Kb / 1P
SEALED PT BULB SOCKET DOUBLE ASSY-A TYPE (SEAL GASKET-SILICONE)
2018/11/14
359030106 MOLEX-359030106 Datasheet
122Kb / 2P
WIRE SEAL FOR EARTH TERMINAL
2019/03/05
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com