| Manufacturer | Part # | Datasheet | Description |
 Molex Electronics Ltd. |
0673519004
|
214Kb / 4P |
MicroCross??DVI-D Digital Interface, Panel Mount, Through Hole, Right Angle, PCBExtended Height Receptacle, Gold (Au) Flash, Polyester (PBT),Screw Hole, 4-40
|
|
0673511804
|
206Kb / 4P |
MicroCross??DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, RightAngle, PCB Extended Height Receptacle, Gold (Au) Flash, Polyester (PBT), ScrewHole, 4-40 Thread, 2.34mm (.092") PC Tail Length,29 Circuits, Lead Free
|
|
0673519006
|
216Kb / 4P |
MicroCross??DVI-D Digital Interface, Panel Mount, Through Hole, Right Angle, PCBExtended Height Receptacle, Gold (Au) Flash, Polyester (PBT),Screw Hole, 4-40
|
|
0673513004
|
229Kb / 4P |
MicroCross??DVI-I Digital/Analog Visual Interface, Panel Mount, Through HoleVertical, Gold (Au) Flash, Polyester (PBT), Screw Hole, 4-40 Thread, 2.34mm (.092")PC Tail Length, 29 Circuits, Lead Free
|
|
0673511807
|
232Kb / 4P |
MicroCross??DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, RightAngle, PCB Extended Height Receptacle, Gold (Au) Flash, 3.12mm (.123") PC TailLength, Polyester (PBT), Screw Hole, 4-40 Thread,29 Circuits, Lead Free
|
|
0743202021
|
124Kb / 3P |
MicroCross??DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, RightAngle, PCB Extended Height Receptacle, Lead Free, Screw Hole, 4-40 Thread, 29
|
|
0743203004
|
226Kb / 4P |
MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel MountThrough Hole, Vertical, Gold Flash, Lead Free, Screw Hole, 4-40 Thread, 29 Circuits
|
|
0743201004
|
249Kb / 4P |
MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel Mount,Through Hole, Right Angle, Gold (Au) Flash Plating, Screw Hole, 4-40 Thread, 2.34mm
|
|
0743201004
|
34Kb / 2P |
MicroCross DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel Mount, Through Hole, Right-Angle, Gold (Au) Flash Plating, Screw Hole, 4-40 Thread, 2.34mm PC Tail Length, 29 Circuits, Lead-Free
|
|
0743209010
|
32Kb / 2P |
MicroCross DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel Mount,Through Hole, Right-Angle, with Beveled Metal Pins, 0.76m Gold (Au), Lead-Free,Screw Hole, 4-40 Thread, 29 Circuits
|
|