Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

0887683620 Datasheet (PDF) - Molex Electronics Ltd.

0887683620 Datasheet PDF - Molex Electronics Ltd.
Part # 0887683620
Download  0887683620 Download
File Size   162.39 Kbytes
Page   3 Pages
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.
Description HDMI*-to-DVI-Digital Cable Assembly, 30 AWG, 3.0m (9.84) Length

0887683620 Datasheet (PDF)

Go To PDF Page Download Datasheet
0887683620 Datasheet PDF - Molex Electronics Ltd.

Part # 0887683620
Download  0887683620 Click to download

File Size   162.39 Kbytes
Page   3 Pages
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.
Description HDMI*-to-DVI-Digital Cable Assembly, 30 AWG, 3.0m (9.84) Length

0887683620 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 0887683620

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0887683600 MOLEX10-0887683600 Datasheet
278Kb / 6P
HDMI*-to-DVI-Digital Cable Assembly, 30 AWG, 1.0m (3.28) Length
0887683610 MOLEX10-0887683610 Datasheet
278Kb / 5P
HDMI*-to-DVI-Digital Cable Assembly, 30 AWG, 2.0m (6.56) Length
More results


Similar Description - 0887683620

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0887689820 MOLEX10-0887689820 Datasheet
176Kb / 3P
HDMI*-to-HDMI* Cable Assembly, 28 AWG, 3.0m (9.84) Length
0887683520 MOLEX10-0887683520 Datasheet
414Kb / 7P
HDMI*-to-DVI-Digital Cable Assembly, 28 AWG, 3.0m (9.84) Length
0887683600 MOLEX10-0887683600 Datasheet
278Kb / 6P
HDMI*-to-DVI-Digital Cable Assembly, 30 AWG, 1.0m (3.28) Length
0887689920 MOLEX10-0887689920 Datasheet
85Kb / 2P
HDMI*-to-HDMI* Cable Assembly, 30 AWG, 3.0m (9.84) Length
0887683510 MOLEX10-0887683510 Datasheet
414Kb / 7P
HDMI*-to-DVI-Digital Cable Assembly, 28 AWG, 2.0m (6.56) Length
0887683530 MOLEX10-0887683530 Datasheet
838Kb / 13P
HDMI*-to-DVI-Digital Cable Assembly, 28 AWG, 5.0m (16.40) Length
0887683500 MOLEX10-0887683500 Datasheet
415Kb / 8P
HDMI*-to-DVI-Digital Cable Assembly, 28 AWG, 1.0m (3.28) Length
0887683610 MOLEX10-0887683610 Datasheet
278Kb / 5P
HDMI*-to-DVI-Digital Cable Assembly, 30 AWG, 2.0m (6.56) Length
0687670025 MOLEX1-0687670025 Datasheet
34Kb / 1P
HDMI(M)-to-HDMI(M) Cable Assembly, 30 AWG 3.0m Length, Gold (Au) Plated
0887689820 MOLEX1-0887689820_18 Datasheet
34Kb / 1P
HDMI-to-HDMI Cable Assembly, 28 AWG, 3.0m Length
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com