Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

APXS002A0X Datasheet (PDF) - Lineage Power Corporation

APXS002A0X Datasheet PDF - Lineage Power Corporation
Part # APXS002A0X
Download  APXS002A0X Download
File Size   945.96 Kbytes
Page   25 Pages
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation
Description 12V Pico TLynxTM 2A: Non-Isolated DC-DC Power Modules

APXS002A0X Datasheet (PDF)

Go To PDF Page Download Datasheet
APXS002A0X Datasheet PDF - Lineage Power Corporation

Part # APXS002A0X
Download  APXS002A0X Click to download

File Size   945.96 Kbytes
Page   25 Pages
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation
Description 12V Pico TLynxTM 2A: Non-Isolated DC-DC Power Modules

APXS002A0X Datasheet (HTML) - Lineage Power Corporation




Similar Part No. - APXS002A0X

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
APXS002A0X-SRDZ GE-APXS002A0X-SRDZ Datasheet
851Kb / 24P
2A PicoTLynxTM: Non-Isolated DC-DC Power Modules 3Vdc ??4Vdc input; 0.6Vdc to 5.5Vdc output; 2A Output Current
APXS002A0X-SRZ GE-APXS002A0X-SRZ Datasheet
851Kb / 24P
2A PicoTLynxTM: Non-Isolated DC-DC Power Modules 3Vdc ??4Vdc input; 0.6Vdc to 5.5Vdc output; 2A Output Current
More results


Similar Description - APXS002A0X

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APXH003A0X-SRZ_0910 LINEAGEPOWER-APXH003A0X-SRZ_0910 Datasheet
771Kb / 23P
Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APTS006A0X-SRZ_0912 LINEAGEPOWER-APTS006A0X-SRZ_0912 Datasheet
826Kb / 25P
12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APXK004A0X-SRZ LINEAGEPOWER-APXK004A0X-SRZ_10 Datasheet
660Kb / 25P
16V Pico TLynxTM 4A: Non-Isolated DC-DC Power Modules
APTH003A0X LINEAGEPOWER-APTH003A0X_10 Datasheet
834Kb / 24P
Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APTH006A0X LINEAGEPOWER-APTH006A0X_11 Datasheet
578Kb / 23P
Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
TLynxTM: Non-Isolated DC-DC Power Modules
APTS006A0X LINEAGEPOWER-APTS006A0X_10 Datasheet
752Kb / 25P
12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTS012A0X LINEAGEPOWER-APTS012A0X_10 Datasheet
1Mb / 26P
12V Micro TLynxTM: Non-Isolated DC-DC Power Modules
APTS020A0X LINEAGEPOWER-APTS020A0X_10 Datasheet
765Kb / 26P
12V TLynxTM Non-Isolated DC-DC Power Modules
APTS030A0X LINEAGEPOWER-APTS030A0X Datasheet
763Kb / 23P
12V Mega TLynxTM : Non-Isolated DC-DC Power Modules
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com