Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPMQ613-02 Datasheet (PDF) - Solid States Devices, Inc

SPMQ613-02 Datasheet PDF - Solid States Devices, Inc
Part # SPMQ613-02
Download  SPMQ613-02 Download
File Size   148.14 Kbytes
Page   3 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 600V, 400A FAST SWITCHING IGBT HALF BRIDGE

SPMQ613-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPMQ613-02 Datasheet PDF - Solid States Devices, Inc

Part # SPMQ613-02
Download  SPMQ613-02 Click to download

File Size   148.14 Kbytes
Page   3 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 600V, 400A FAST SWITCHING IGBT HALF BRIDGE

SPMQ613-02 Datasheet (HTML) - Solid States Devices, Inc




Similar Part No. - SPMQ613-02

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPMQ613-01 SSDI-SPMQ613-01 Datasheet
140Kb / 3P
600V, 200A FAST SWITCHING IGBT HALF BRIDGE
More results


Similar Description - SPMQ613-02

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI400L-060 FUJI-2MBI400L-060 Datasheet
218Kb / 4P
IGBT(600V 400A)
2MBI400N-060-01 FUJI-2MBI400N-060-01 Datasheet
249Kb / 4P
IGBT(600V / 400A)
2MBI400N-060 FUJI-2MBI400N-060 Datasheet
156Kb / 4P
IGBT(600V,400A)
logo
Sensitron
SCP-5115 SENSITRON-SCP-5115 Datasheet
80Kb / 3P
Hermetic Half Bridge IGBT Module 600V, 800A
logo
Solid States Devices, I...
SPMQ613-01 SSDI-SPMQ613-01 Datasheet
140Kb / 3P
600V, 200A FAST SWITCHING IGBT HALF BRIDGE
logo
MacMic
MMG400D060B6TC MACMIC-MMG400D060B6TC Datasheet
1Mb / 6P
600V 400A IGBT Module
MMG400D060DE6EN MACMIC-MMG400D060DE6EN Datasheet
715Kb / 5P
600V 400A IGBT Module
MMG400D060B6EN MACMIC-MMG400D060B6EN Datasheet
265Kb / 5P
600V 400A IGBT Module
MMG400HB060B6EN MACMIC-MMG400HB060B6EN Datasheet
356Kb / 6P
600V 400A IGBT Module
MMG400Q060B6EN MACMIC-MMG400Q060B6EN Datasheet
265Kb / 5P
600V 400A IGBT Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com