| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NBXSBA025
|
123Kb / 6P |
2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
August, 2009 ??Rev. 0 |
|
NBXSBA024
|
127Kb / 6P |
2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3 |
|
NBXSBA030
|
125Kb / 6P |
2.5 V / 3.3 V, 175.00 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1 |
|
NBXSBA031
|
126Kb / 6P |
2.5/3.3 V, 340.00 MHz LVPECL Clock Oscillator
March, 2010 ??Rev. 3 |
|
NBXSBA045
|
125Kb / 6P |
2.5/3.3 V, 345.00 MHz LVPECL Clock Oscillator
March, 2010 ??Rev. 0 |
|
NBXSBA046
|
126Kb / 6P |
2.5/3.3 V, 172.50 MHz LVPECL Clock Oscillator
March, 2010 ??Rev. 0 |
|
NBXSBA024
|
118Kb / 6P |
2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator LVPECL Differential Output
April, 2011 ??Rev. 4 |
|
NBXSBA025_0910
|
127Kb / 6P |
2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1 |
|
NBXHGA019
|
116Kb / 6P |
2.5/3.3 V, 125.00 MHz LVPECL Clock Oscillator
April, 2010 ??Rev. 0 |
|
NBXSBA051
|
263Kb / 6P |
2.5/3.3 V, 533.33 MHz LVPECL Clock Oscillator
July, 2011 ??Rev. 0 |