| Manufacturer | Part # | Datasheet | Description |
 Infineon Technologies A... |
TDA5102
|
1Mb / 35P |
ASK/FSK Transmitter 915 MHz
Version 1.1 October 2001 |
|
TDK5100
|
629Kb / 40P |
ASK/FSK Transmitter 868/433 MHz
Version 1.0 October 2002 |
|
TDK5100F
|
503Kb / 35P |
434 MHz ASK/FSK Transmitter in 10-pin Package
Version 0.1 July 2003 |
|
TDK5101
|
584Kb / 39P |
ASK/FSK Transmitter 315 MHz
Version 1.0 October 2002 |
|
TDK5110
|
618Kb / 41P |
ASK/FSK Transmitter 868/433 MHz
Version 1.1 October 2002 |
|
TDK5111
|
588Kb / 39P |
ASK/FSK Transmitter 315 MHz
Version 1.1 October 2002 |
|
TDA7100
|
1Mb / 41P |
434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, May 2007 |
|
TDA7110
|
619Kb / 39P |
ASK/FSK Transmitter 868/433 MHz
Version 1.0 December 2008 |
|
TDK5110F
|
756Kb / 36P |
434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, July 2006 |
|
TDA7110F
|
734Kb / 36P |
434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, February 2009 |